Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644B Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5644B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644B Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5644B Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5644B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5646C
Rev. 3, May 2011
© Freescale Semiconductor, Inc., 2010, 2011. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5646C
176-pin LQFP (24
 24 mm)
208-pin LQFP (28
 28 mm)
256 MAPBGA (17
 17 mm)
MPC5646C Microcontroller
Data Sheet
• e200z4d dual issue, 32-bit core Power Architecture
compliant CPU
– Up to 120 MHz
– 4 KB, 2/4-Way Set Associative Instruction Cache
– Variable length encoding (VLE)
– Embedded floating-point (FPU) unit
– Supports Nexus3+
• e200z0h single issue, 32-bit core Power Architecture
compliant CPU
– Up to 80 MHz
– Variable length encoding (VLE)
– Supports Nexus3+
• Up to 3 MB on-chip flash memory: flash page buffers to
improve access time
• Up to 256 KB on-chip SRAM
• 64 KB on-chip data flash memory to support EEPROM
emulation
• Up to 16 semaphores across all slave ports
• User selectable MBIST
• Low-power modes supported: STOP, HALT, STANDBY
• 16 region Memory Protection Unit (MPU)
• Dual-core Interrupt Controller (INTC). Interrupt sources
can be routed to e200z4d, e200z0h, or both
• Frequency-Modulated Phase-Locked Loop (FMPLL)
• Crossbar switch architecture for concurrent access to
peripherals, flash memory, and SRAM from multiple bus
masters
• 32 channel eDMA controller with DMAMUX
• Timer supports input/output channels providing 16-bit
input capture, output compare, and PWM functions
(eMIOS)
• 2 analog-to-digital converters (ADC): one 10-bit and one
12-bit
• Cross Trigger Unit (CTU) to enable synchronization of
ADC conversions with a timer event from the eMIOS or
from the PIT
• Up to 8 serial peripheral interface (DSPI) modules
• Up to 10 serial communication interface (LINFlex)
modules
• Up to 6 full CAN (FlexCAN) modules with 64 MBs each
• CAN Sampler to catch ID of CAN message
• 1 inter IC communication interface (I2C) module
• Up to 177 (LQFP) or 199 (BGA) configurable general
purpose I/O pins
• System clocks sources
– 4–40 MHz external crystal oscillator
– 16 MHz internal RC oscillator
–FMPLL
Additionally, there are two low power oscillators: 128
kHz internal RC oscillator, 32 kHz external crystal
oscillator
• Real Time Counter (RTC) with clock source from internal
128 kHz or 16 MHz oscillators or external 4–40 MHz
crystal
– Supports autonomous wake-up with 1 ms resolution
with max timeout of 2 seconds
– Optional support from external 32 kHz crystal oscillator,
supporting wake-up with 1 second resolution and max
timeout of 1 hour
• 1 System Timer Module (STM) with four 32-bit compare
channels
• Up to 8 periodic interrupt timers (PIT) with 32-bit counter
resolution
• 1 Real Time Interrupt (RTI) with 32-bit counter resolution
• 1 Safety Enhanced Software Watchdog Timer (SWT) that
supports keyed functionality
• 1 dual-channel FlexRay Controller with 128 message
buffers
• 1 Fast Ethernet Controller (FEC)
• On-chip voltage regulator (VREG)
• Cryptographic Services Engine (CSE)
• Offered in the following standard package types:
–176-pin LQFP, 24
 24 mm, 0.5 mm Lead Pitch
–208-pin LQFP, 28
 28 mm, 0.5 mm Lead Pitch
– 256-ball MAPBGA, 17
 17mm, 1.0 mm Lead Pitch


Similar Part No. - MPC5644B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5644B NXP-MPC5644B Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5644BCACLT1 NXP-MPC5644BCACLT1 Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5644BCACLT1R NXP-MPC5644BCACLT1R Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5644BCACLT8 NXP-MPC5644BCACLT8 Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5644BCACLT8R NXP-MPC5644BCACLT8R Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
More results

Similar Description - MPC5644B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M39208 STMICROELECTRONICS-M39208 Datasheet
218Kb / 30P
Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
Feb-1999
logo
Sanyo Semicon Device
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
logo
STMicroelectronics
STM32F0DISCOVERY STMICROELECTRONICS-STM32F0DISCOVERY Datasheet
210Kb / 3P
STM32F051R8T6 microcontroller featuring 64 KB Flash
Mar-2012
logo
NXP Semiconductors
LPC1315 NXP-LPC1315 Datasheet
1Mb / 77P
32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
64K bytes On-chip Flash Program/Data Memory
logo
ON Semiconductor
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
NV24C64LV ONSEMI-NV24C64LV Datasheet
324Kb / 18P
EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. P3
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com