Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC01P Datasheet(PDF) 6 Page - GREATECS

Part # ISC01P
Description  Programmable OLED Video Switch and Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

ISC01P Datasheet(HTML) 6 Page - GREATECS

  ISC01P Datasheet HTML 1Page - GREATECS ISC01P Datasheet HTML 2Page - GREATECS ISC01P Datasheet HTML 3Page - GREATECS ISC01P Datasheet HTML 4Page - GREATECS ISC01P Datasheet HTML 5Page - GREATECS ISC01P Datasheet HTML 6Page - GREATECS ISC01P Datasheet HTML 7Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LCD Switches
Programmable OLED Video Switch and Display
IS Series
sales@greatecs.com
www.greatecs.com
6
TIMING SPECIFICATIONS FOR SMARTSWITCH & SMARTDISPLAY
STATE TRANSITION
D/C
SS
SDI
tAS
D7
D6
D5
D4
D3
D2
D1
D0
tCSS
tCSH
tAH
tCLKH
tcycle
tCLKL
tF
SCK
tDHW
tDSW
tR
AC Characteristics (Temperature at 25°C) , V
DD = 2.4V ~ 3.5V)
Items
Symbols Minimum
Typical Maximum
Clock Cycle Time
tcycle
150ns
––
––
D/C Setup Time
tAS
40ns
––
––
D/C Hold Time
tAH
40ns
––
––
SS Setup Time
tCSS
75ns
––
––
SS Hold Time
tCSH
60ns
––
––
Write Data Setup Time
tDSW
40ns
––
––
Write Data Hold Time
tDHW
40ns
––
––
SCK Low Time
tCLKL
75ns
––
––
SCK High Time
tCLKH
75ns
––
––
SCK Rise Time
tR
––
––
15ns
SCK Fall Time
tF
––
––
15ns
State 0
Power ON
State 1
State 2
Power OFF
State 0
VDD
RES
VCC
D/C
SS
SCK
SDI
Reset low pulse width Trw
(minimum 3µs)
“L” or “Hi-z”
0V
Minimum 0µs
Minimum 0µs
“L” or “Hi-z”
Minimum 3µs
Minimum 0µs
VDD level (due to ESD protection
circuit betweenVDD and VCC)
“L” or “Hi-z”
“H” or “L”
“L” or “Hi-z”
Initialization Setting
Power ON/OFF Sequence
State Transition
Transition
Index
1
Power ON
Refer to "Power ON/OFF Sequence"
2
Power OFF
3
Display ON
4
Display OFF
7
Initialization
Initialize Setting of Command/Data
8
Image Rewriting
Send Display Data
Display Settings
Dimmer, Scroll, etc.
State
Number
State
Display Sleep
VCC
VDD
Changing the
Display
0
Power OFF
OFF
––
OFF
OFF
Disable
1
Display OFF
OFF
ON
ON
ON
Enable
2
Display ON
ON
OFF
ON
ON
Enable
State 0
Power OFF
(VCC, VDD OFF)
State 1
Display OFF
(Sleep Mode)
State 2
Display ON
1 : Power ON, 7 : Initialization
2 : Power OFF
3 : Display ON
4 : Display OFF
8 : Changing the Display
8 : Changing the Display
7 : Initialization



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com