Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC01P Datasheet(PDF) 7 Page - GREATECS

Part # ISC01P
Description  Programmable OLED Video Switch and Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

ISC01P Datasheet(HTML) 7 Page - GREATECS

  ISC01P Datasheet HTML 1Page - GREATECS ISC01P Datasheet HTML 2Page - GREATECS ISC01P Datasheet HTML 3Page - GREATECS ISC01P Datasheet HTML 4Page - GREATECS ISC01P Datasheet HTML 5Page - GREATECS ISC01P Datasheet HTML 6Page - GREATECS ISC01P Datasheet HTML 7Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LCD Switches
Programmable OLED Video Switch and Display
IS Series
sales@greatecs.com
www.greatecs.com
7
PRECAUTIONS FOR HANDLING & STORAGE
Handling
1. The IS Series OLED devices are electrostatic sensitive. To avoid damage to IC, do not touch keytops unless
properly isolated from static electricity.
2. Signal input under conditions not recommended may cause damage to the OLED unit or deterioration of the
display. Follow directions regarding supply sequences of power and signal voltages.
3. If the OLED panel is broken, avoid contact with the contents and wash o any spills to the skin or clothing.
4. Limit operating force to switch keytop to 100.0N maximum, as excessive pressure may damage the OLED.
5. For OLED display, it is necessary for terminal of metal cover to be connected to a ground.
6. Recommended soldering time and temperature limits for OLED switch or display:
11 seconds maximum @ 270°C maximum; avoid temperatures exceeding 80°C at the OLED.
7. The IS series OLED devices are not process sealed.
8. If OLED unit is operated with the same display pattern, the di erence between the operation duration of
adjacent pixels may be interpreted as di erence between luminosity of pixels. To minimize this di erence,
operate OLED unit so that each pixel may be turned on at frequency as equal as possible.
9. For switch, clean cap surface with dry cloth. If further cleaning is needed, wipe with dampened cloth using
neutral cleanser and dry with clean cloth. Do not use organic solvent. For display, avoid contact with any
ux or detergent. If any liquids spill on display surface, immediately wipe with soft absorbent cloth.
Storage
1. Store in original container and away from direct sunlight.
2. Keep away from static electricity.
3. Avoid extreme temperatures, high humidity, gaseous substances, and all forms of chemical contamination.
ATTENTION
ELECTROST AT IC
SENSITIVE DEVICES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com