Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2115D24 Datasheet(PDF) 4 Page - Make-Ps

Part # 2115D24
Description  Single, Dual, Triple Output DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

2115D24 Datasheet(HTML) 4 Page - Make-Ps

  2115D24 Datasheet HTML 1Page - Make-Ps 2115D24 Datasheet HTML 2Page - Make-Ps 2115D24 Datasheet HTML 3Page - Make-Ps 2115D24 Datasheet HTML 4Page - Make-Ps 2115D24 Datasheet HTML 5Page - Make-Ps 2115D24 Datasheet HTML 6Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The converter’s output voltage may be trimmed by up to
±10% of the nominal output voltage.
T
TR
RIIM
M U
UP
P ((C
Ca
asse
e A
A))
Trim output voltage up by connecting an external resistor between Pins 5 and 6. Use the following
equation, reference Table 1 for variables A.
Example:
Trim both outputs 5% up for 12V Output units,
where A = 1.98,
Δ % = 0.05
T
TR
RIIM
M D
DO
OW
WN
N ((C
Ca
asse
e A
A))
Trim output voltage down by connecting an external resistor between Pins 7 and 5. Use the following
equation, reference Table 2 for variables C and D.
Example:
Trim 4% down for 5V Output units,
where C =1.24, D = 26.5,
Δ % = 0.04
Radj-up =
O
OU
UT
TP
PU
UT
T
V
VO
OLLT
TA
AG
GE
E
A
AD
DJ
JU
US
ST
TM
ME
EN
NT
T
((22110000 S
SEERRIIEESS -- S
SIIN
NG
GLLE
E
O
OU
UT
TP
PU
UT
T
))
A
Δ %
- 24 (k
Ω)
2
1
Radj-up
Radj-up
TRIM 5
TRIM 5
-V1 OUT 6
-V1 OUT 6
3
4
+V1 OUT 7
+V1 OUT 7
8
3
2
1
Radj-down
Radj-down
TRIM 5
TRIM 5
-V1 OUT 6
-V1 OUT 6
4
+V1 OUT 7
+V1 OUT 7
Radj-up =
1.98
0.05
- 24 k
Ω= 15.6 kΩ
Radj-down =
C
Δ %
- D (k
Ω)
Radj-down =
1.24
0.04
- 26.5 k
Ω = 4.5 kΩ
Table 1.
Output Voltage
C
C
D
D
5V
1.24
26.5
12V
7.57
33.5
15V
10.3
36.4
Table 2.
Output Voltage
A
A
5V
1.24
12V
1.98
15V
2.07
>> B-169
www.make-ps.com
E-mail:info@make-ps.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com