Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2115D24 Datasheet(PDF) 1 Page - Make-Ps

Part # 2115D24
Description  Single, Dual, Triple Output DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

2115D24 Datasheet(HTML) 1 Page - Make-Ps

  2115D24 Datasheet HTML 1Page - Make-Ps 2115D24 Datasheet HTML 2Page - Make-Ps 2115D24 Datasheet HTML 3Page - Make-Ps 2115D24 Datasheet HTML 4Page - Make-Ps 2115D24 Datasheet HTML 5Page - Make-Ps 2115D24 Datasheet HTML 6Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The 2100 series 20 watts high performance DC/DC
converters are cost effective solution to the high reliability
and performance requirements of power distribution
systems in applications ranging from high speed data
communications equipment to industrial robotic systems.
The 2100 series operates over 2:1 input voltage ranges of
10 to 18, 18 to 36 or 36 to 72VDC; providing single, dual and
triple output combinations of 5, 12, 15, ±5, ±12, ±15, 5/±12 and
5/±15 VDC. All models are packaged in compact, low profile
2” X 2” X 0.4” metal cases.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
2100 series
•• 66 ssiiddeedd CCoonnttiinnuuoouuss SShhiieellddiinngg
•• SSyynncchhrroonniizzaattiioonn aanndd O
Ou
uttp
pu
utt T
Trriim
m
•• 1122..55W
W//IIn
n33 P
Po
ow
we
err D
De
en
nssiittyy
•• EEffffiicciieennccyy ttoo 8877%
%
•• U
ULL 11995500 A
Ap
pp
prro
ovve
ed
d
•• CCSSA
A 2222..22--995500 A
Ap
pp
prro
ovve
ed
d
•• VVD
DE
E // E
EN
N 6600995500 A
Ap
pp
prro
ovve
ed
d
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage Range
12 VDC Input Models
VDC
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Remote On / OFF Control
Supply ON
5.5 VDC or Open Circuit
Supply OFF
0 VDC to 0.8 VDC
Logic Referenced to Negative Input
Reverse Polarity Input Current
Amp
Input Filter
Internal Capacitor;
External 10-20
μF
cap recommended
across input pins
Unit/Comments
% 1
% 1
% 1
%
%; Equal Output Loads
%; Equal Output Loads
Full Load
% 2
% 2
% 2
% 3
% 3 ; Equal Loads
% 3
% 3 ; Equal Loads
mV; p-p, Nom.Line FL,
20Mhz B.W. using
1
μf bypass capacitor
% of Vout
Continuous, Auto-
matic Recovery
μS to within1% error
band for 50% step
load change
% per oC
Min Typ Max
±1.0
±1.0
±7.0
±10
±1.0
±1.0
10%
±0.5
±0.5
5.0
±0.3
±1.0
±0.5
±5.0
100
1
200
±0.01
Single, Dual, Triple Output
DC/DC Converter
Min
10
18
36
Typ
12
24
48
Max
18
36
72
12
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Thousand Hours,
+25oC, Ground
Benign
Min
100
1400
1000
700
Typ
60
Max
Output Voltage Accuracy
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Output Voltage Trim Range
Voltage Balance:
Dual Outputs
Triple Outputs (Auxiliaries)
Minimum Load
Line Regulation
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Load Regulation
Single Outputs
Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Ripple/Noise
5V Outputs
12V and 15V Outputs
Short Circuit Protection
Transient Recovery Time
Temperature Coefficient
1
= Output voltage at nominal line & FL
2
= % Output voltage measured from min. input line to maximum
3
= Output voltage measured from FL to 10% Load
>> B-166
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 2115D24

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2115 ADAFRUIT-2115 Datasheet
111Kb / 2P
Universal Qi Wireless Charging Module - 60mm Reverse MicroUSB
logo
Mascot AS
2115 MASCOT-2115 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Bourns Electronic Solut...
2115-RC BOURNS-2115-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2115-RC BOURNS-2115-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2115-RC BOURNS-2115-RC Datasheet
117Kb / 1P
High Current Toroid Inductors
More results

Similar Description - 2115D24

ManufacturerPart #DatasheetDescription
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
Single, Dual, Triple Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com