Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2115D24 Datasheet (PDF) - Make-Ps

2115D24 Datasheet PDF - Make-Ps
Part # 2115D24
Download  2115D24 Download
File Size   382.04 Kbytes
Page   6 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single, Dual, Triple Output DC/DC Converter

2115D24 Datasheet (PDF)

Go To PDF Page Download Datasheet
2115D24 Datasheet PDF - Make-Ps

Part # 2115D24
Download  2115D24 Click to download

File Size   382.04 Kbytes
Page   6 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single, Dual, Triple Output DC/DC Converter

2115D24 Datasheet (HTML) - Make-Ps


2115D24 Product details

DESCRIPTIONS

The 2100 series 20 watts high performance DC/DC converters are cost effective solution to the high reliability and performance requirements of power distribution systems in applications ranging from high speed data communications equipment to industrial robotic systems. The 2100 series operates over 2:1 input voltage ranges of 10 to 18, 18 to 36 or 36 to 72VDC; providing single, dual and triple output combinations of 5, 12, 15, ±5, ±12, ±15, 5/±12 and 5/±15 VDC. All models are packaged in compact, low profile 2” X 2” X 0.4” metal cases.



FEATURES

• 6 sided Continuous Shielding

• Synchronization and Output Trim

• 12.5W/In3 Power Density

• Efficiency to 87%

• UL 1950 Approved

• CSA 22.2-950 Approved

• VDE / EN 60950 Approved



 




Similar Part No. - 2115D24

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2115 ADAFRUIT-2115 Datasheet
111Kb / 2P
Universal Qi Wireless Charging Module - 60mm Reverse MicroUSB
logo
Mascot AS
2115 MASCOT-2115 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Bourns Electronic Solut...
2115-RC BOURNS-2115-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2115-RC BOURNS-2115-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2115-RC BOURNS-2115-RC Datasheet
117Kb / 1P
High Current Toroid Inductors
More results


Similar Description - 2115D24

ManufacturerPart #DatasheetDescription
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
Single, Dual, Triple Output DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com