Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280AWBSTZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD7280AWBSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280AWBSTZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7280AWBSTZ Datasheet HTML 35Page - Analog Devices AD7280AWBSTZ Datasheet HTML 36Page - Analog Devices AD7280AWBSTZ Datasheet HTML 37Page - Analog Devices AD7280AWBSTZ Datasheet HTML 38Page - Analog Devices AD7280AWBSTZ Datasheet HTML 39Page - Analog Devices AD7280AWBSTZ Datasheet HTML 40Page - Analog Devices AD7280AWBSTZ Datasheet HTML 41Page - Analog Devices AD7280AWBSTZ Datasheet HTML 42Page - Analog Devices AD7280AWBSTZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD7280A
Rev. 0 | Page 39 of 48
Example 1: Initialize All Parts in a Daisy Chain on Initial
Power-Up and When Coming Out of Power-Down
Example 1 shows a typical device initialization routine.
1.
To initialize all device addresses, set Bit D2 and Bit D0
of the control register to 1, and set Bit D1 of the control
register to 0 on all parts in the chain. The 32-bit write
command is 0x01C2B6E2 (see Table 23, Write 1).
2.
Write the register address corresponding to the lower byte
of the control register to the read register on all parts. The
32-bit write command is 0x038716CA (see Table 23, Write 2).
3.
Apply a CS low pulse that frames 32 SCLKs for each device
in the chain to be read back. All conversion readbacks
should simultaneously write the 32-bit command
0xF800030A, as described in the
section
(see
, Write 3). This read is used to verify that all
AD7280As in the chain have received and locked their
unique device addresses. Confirm that all device addresses
are in sequence.
Serial Interface
Table 23
Example 2: Convert and Read All Parts, All Voltages,
and All Auxiliary ADC Inputs
In this example, it is assumed that all AD7280As in the daisy
chain have been initialized to their correct device addresses.
1.
Write Register Address 0x00 to the read register on all
parts. A device address of 0x00 is used when computing
the CRC for commands to write to all parts. The 32-bit
write command is 0x38011CA (see Table 24, Write 1).
Note that 0x00 is the default value of the read register on
power-up and after a software reset; therefore, this write
operation may not be necessary.
2.
Set Bits[D15:D12] of the control register to 0 on all parts.
The 32-bit write command is 0x01A0131A (see Table 24,
Write 2).
Note that this is the default value of Bits[D15:D12] of the
control register on power-up and after a software reset;
therefore, this write operation may not be necessary.
3.
Program the CNVST control register to 0x02 on all parts
to allow conversions to be initiated using the CNVST pin.
The 32-bit write command is 0x03A0546A (see
,
Write 3).
Table 24
4.
Initiate conversions through the falling edge of CNVST.
5.
Allow sufficient time for all conversions to be completed
plus tWAIT. Following the completion of all conversions,
apply a CS low pulse that frames 32 SCLKs for each conver-
sion result to be read back. The 32-bit write command is
0xF800030A, as described in the
section
(see
, Write 4).
Serial Interface
Table 24
Table 23. Example 1: Initializing All AD7280A Devices in a Daisy Chain
Write Command
Device Address
Register Address
Data
Write All
D11
8-Bit CRC
D2 to D0
32-Bit Write
Command
Write 1
00000
001110
00010101
1
0
11011100
010
0x01C2B6E2
Write 2
00000
011100
00111000
1
0
11011001
010
0x038716CA
Write 3
11111
000000
00000000
0
0
01100001
010
0xF800030A
Table 24. Example 2: Converting and Reading All Voltages and All Auxiliary ADC Inputs from All AD7280A Devices
Write Command
Device Address
Register Address
Data
Write All
D11
8-Bit CRC
D2 to D0
32-Bit Write
Command
Write 1
00000
011100
00000000
1
0
00111001
010
0x038011CA
Write 2
00000
001101
00000000
1
0
01100011
010
0x01A0131A
Write 3
00000
011101
00000010
1
0
10000101
010
0x03A0546A
Write 4
11111
000000
00000000
0
0
01100001
010
0xF800030A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com