Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280AWBSTZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD7280AWBSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280AWBSTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7280AWBSTZ Datasheet HTML 17Page - Analog Devices AD7280AWBSTZ Datasheet HTML 18Page - Analog Devices AD7280AWBSTZ Datasheet HTML 19Page - Analog Devices AD7280AWBSTZ Datasheet HTML 20Page - Analog Devices AD7280AWBSTZ Datasheet HTML 21Page - Analog Devices AD7280AWBSTZ Datasheet HTML 22Page - Analog Devices AD7280AWBSTZ Datasheet HTML 23Page - Analog Devices AD7280AWBSTZ Datasheet HTML 24Page - Analog Devices AD7280AWBSTZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
AD7280A
Rev. 0 | Page 21 of 48
The 10 kΩ resistors in series with the inputs provide protection for
the analog inputs in the event of an overvoltage or undervoltage
on those inputs. The 100 nF capacitor across the differential inputs
acts as a low-pass filter in conjunction with the 10 kΩ resistor.
The cutoff frequency of the low-pass filter is 80 Hz. Using these
external components, the default acquisition time of 400 ns can
be used, which allows a combined acquisition and conversion
time of 1 μs.
CONVERTING CELL VOLTAGES AND AUXILIARY
ADC INPUTS IN A CHAIN OF AD7280As
The AD7280A provides a daisy-chain interface that allows up to
eight parts to be stacked without the need for individual isola-
tion. One feature of the daisy-chain interface is the ability to
initiate conversions on all parts in the daisy-chain stack with a
single convert start command. The convert start command is
transferred up the daisy chain, from the master device to each
AD7280A in turn. The delay time between each AD7280A is
tDELAY, as shown in Figure 34. The maximum delay between the
start of conversions on the master AD7280A and the last AD7280A
device in the chain can be determined by multiplying tDELAY by
the number of slave AD7280As in the daisy chain. The total
conversion time for all cell voltage and auxiliary ADC input
conversions can be calculated using the following equation:
Total Conversion Time = ((tACQ + tCONV) × (Number of
Conversions per Part)) − tACQ + ((N − 1) × tDELAY)
where:
tACQ is the analog input acquisition time of the AD7280A (see
Table 9).
tCONV is the conversion time of the AD7280A, as specified in Table 3.
Number of Conversions per Part is the number of inputs selected
for conversion (6, 9, or 12, as listed in Table 8), multiplied by
the number of averages selected for each input (1, 2, 4, or 8).
N is the number of AD7280As in the daisy chain.
tDELAY is the delay time when transferring the convert start
command between adjacent AD7280A devices, as specified
in Table 3.
The total conversion times calculated for three possible
configurations of the AD7280A are included in Table 10.
tCONV
tACQ + tCONV
VOLT 6
VOLT 5
TOTAL CONVERSION TIME =
((
tACQ + tCONV) × (#CONVERSIONS PER PART)) – tACQ + ((N – 1) × tDELAY)
VOLT 4
AUX6
tDELAY
tDELAY
tDELAY
tACQ + tCONV
tDELAY
VOLT 12
VOLT 11
VOLT 10
AUX12
tACQ + tCONV
VOLT 18
VOLT 17
VOLT 16
AUX18
INTERNAL ADC
CONVERSIONS
PART 1
SERIAL READ
OPERATION
PART 2
SERIAL READ
OPERATION
PART 3
CNVST
Figure 34. ADC Conversions and Readback on a Chain of Three AD7280As
Table 10. Calculated Conversion Times for Three Example AD7280A Configurations, TA = −40°C to +85°C
Bits
[D15:D14]
Bits
[D10:D9]
Bits
[D6:D5]
Configuration
Conversion
Time per Part
Total Conversion Time
per 48 Channel Stack
00
00
00
12 channels; tCONV = 695 ns; tACQ = 465 ns; average = 0
13.46 μs
15.2 μs
01
12 channels; tCONV = 695 ns; tACQ = 1.01 μs; average = 0
19.45 μs
21.2 μs
10
12 channels; tCONV = 695 ns; tACQ = 1.46 μs; average = 0
24.4 μs
26.15 μs
11
12 channels; tCONV = 695 ns; tACQ = 1.89 μs; average = 0
29.13 μs
30.9 μs
10
00
00
6 channels; tCONV = 695 ns; tACQ = 465 ns; average = 0
6.5 μs
8.23 μs
01
6 channels; tCONV = 695 ns; tACQ = 1.01 μs; average = 0
9.22 μs
10.97 μs
10
6 channels; tCONV = 695 ns; tACQ = 1.46 μs; average = 0
11.47 μs
13.22 μs
11
6 channels; tCONV = 695 ns; tACQ = 1.89 μs; average = 0
13.62 μs
15.37 μs
00
11
00
12 channels; tCONV = 695 ns; tACQ = 465 ns; average = 8
110.9 μs
112.65 μs
01
12 channels; tCONV = 695 ns; tACQ = 1.01 μs; average = 8
162.67 μs
164.42 μs
10
12 channels; tCONV = 695 ns; tACQ = 1.46 μs; average = 8
205.42 μs
207.17 μs
11
12 channels; tCONV = 695 ns; tACQ = 1.89 μs; average = 8
246.27 μs
248.02 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com