Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7280AWBSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7280AWBSTZ
Description  Lithium Ion Battery Monitoring System Cell balancing interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280AWBSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7280AWBSTZ Datasheet HTML 12Page - Analog Devices AD7280AWBSTZ Datasheet HTML 13Page - Analog Devices AD7280AWBSTZ Datasheet HTML 14Page - Analog Devices AD7280AWBSTZ Datasheet HTML 15Page - Analog Devices AD7280AWBSTZ Datasheet HTML 16Page - Analog Devices AD7280AWBSTZ Datasheet HTML 17Page - Analog Devices AD7280AWBSTZ Datasheet HTML 18Page - Analog Devices AD7280AWBSTZ Datasheet HTML 19Page - Analog Devices AD7280AWBSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
AD7280A
Rev. 0 | Page 16 of 48
VIN6
VIN5
VIN4
VIN3
VIN2
VIN1
VIN0
ADC VIN+
ADC VIN–
Figure 23. Mux Configuration During VIN2 to VIN1 Sampling
The ADC is a successive approximation register analog-to-
digital converter (SAR ADC). The converter is composed of
a comparator, a SAR, control logic, and two capacitive DACs.
Figure 24 shows a simplified schematic of the converter. During
the acquisition phase, the SW1, SW2, and SW3 switches are
closed. The sampling capacitor array acquires the signal on the
input during this phase.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
SW2
VREF
VREF
VIN+
VIN–
CS
CS
B
A
A
B
Figure 24. ADC Configuration During Acquisition Phase
When the ADC starts a conversion, SW3 opens, and SW1 and
SW2 move to Position B, causing the comparator to become
unbalanced (see Figure 25). The control logic and capacitive DACs
are used to add and subtract fixed amounts of charge to return
the comparator to a balanced condition. When the comparator
is rebalanced, the conversion is complete. The control logic gen-
erates the ADC output code. This output code is then stored in
the appropriate register for the input that has been converted.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
SW2
VREF
VIN+
VIN–
CS
CS
B
A
A
B
VREF
Figure 25. ADC Configuration During Conversion Phase
ANALOG INPUT STRUCTURE
Figure 26 shows the equivalent circuit of the analog input
structure of the AD7280A. The diodes provide ESD protection.
The resistors are lumped components made up of the on
resistance of the input multiplexer, internal track resistance,
and other internal switches. The value of these resistors is
approximately 300 Ω typical. Capacitor C1 is also a lumped
component made up of pin capacitance, ESD diodes, and switch
capacitance, whereas Capacitor C2 is the sampling capacitor
of the ADC. The total lumped capacitance of C1 and C2 is
approximately 15 pF.
C1
C2
D
D
R1
VDD
VIN+
VSS
C1
C2
D
D
R1
VDD
VIN–
VSS
Figure 26. Equivalent Analog Input Circuit
TRANSFER FUNCTION
The output coding of the AD7280A is straight binary. The designed
code transitions occur at successive integer LSB values (that is,
1 LSB, 2 LSBs, and so on). The LSB size is dependent on whether
the cell voltage or the auxiliary ADC inputs are being measured.
The analog input range of the voltage inputs is 1 V to 5 V, and
the analog input range of the auxiliary ADC inputs is 0 V to 5 V.
The ideal transfer characteristic is shown in Figure 27.
Table 7. LSB Sizes for Each Analog Input Range
Selected Inputs
Input
Range
Full-Scale
Range
LSB Size
Cell Voltage
1 V to 5 V
4 V/4096
976 μV
Auxiliary ADC Inputs
0 V to 5 V
5 V/4096
1.22 mV
111...110
111...000
011...111
000...010
000...001
000...000
111...111
ANALOG INPUT
1V + 1LSB
AGND + 1LSB
5V – 1LSB
5V – 1LSB
4V INPUT RANGE
5V INPUT RANGE
Figure 27. Ideal Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com