Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2682EBRIZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM2682EBRIZ
Description  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM2682EBRIZ Datasheet HTML 6Page - Analog Devices ADM2682EBRIZ Datasheet HTML 7Page - Analog Devices ADM2682EBRIZ Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ Datasheet HTML 9Page - Analog Devices ADM2682EBRIZ Datasheet HTML 10Page - Analog Devices ADM2682EBRIZ Datasheet HTML 11Page - Analog Devices ADM2682EBRIZ Datasheet HTML 12Page - Analog Devices ADM2682EBRIZ Datasheet HTML 13Page - Analog Devices ADM2682EBRIZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM2682E/ADM2687E
Preliminary Technical Data
Rev. PrE | Page 10 of 20
Figure 9. ADM2682E Driver Propagation Delay
Figure 10. ADM2687E Driver Propagation Delay
Figure 11. Receiver Output Current vs. Receiver Output High Voltage
Figure 12. Receiver Output Current vs. Receiver Output Low Voltage
Figure 13. Receiver Output High Voltage vs. Temperature
Figure 14. Receiver Output Low Voltage vs. Temperature
CH1 2.0V
CH3 2.0V
CH2 2.0V
TxD
Z
Y
M10.00ns
A CH1
1.28V
1
3
CH1 2.0V
CH3 2.0V
CH2 2.0V
M200ns
A CH1
2.56V
1
3
TxD
Y
Z
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
0
10
20
30
40
50
60
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
4.65
4.66
4.67
4.68
4.69
4.70
4.71
4.72
4.73
4.74
4.75
TEMPERATURE (°C)
–40
–15
10
35
60
85
0.20
0.22
0.24
0.26
0.28
0.30
0.32
TEMPERATURE (°C)
–40
–15
10
35
60
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com