Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2682EBRIZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADM2682EBRIZ
Description  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM2682EBRIZ Datasheet HTML 12Page - Analog Devices ADM2682EBRIZ Datasheet HTML 13Page - Analog Devices ADM2682EBRIZ Datasheet HTML 14Page - Analog Devices ADM2682EBRIZ Datasheet HTML 15Page - Analog Devices ADM2682EBRIZ Datasheet HTML 16Page - Analog Devices ADM2682EBRIZ Datasheet HTML 17Page - Analog Devices ADM2682EBRIZ Datasheet HTML 18Page - Analog Devices ADM2682EBRIZ Datasheet HTML 19Page - Analog Devices ADM2682EBRIZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Preliminary Technical Data
ADM2682E/ADM2687E
Rev. PrE | Page 19 of 20
Figure 40. ADM2682E/ADM2687E Typical Half Duplex RS-485 Network
Figure 41. ADM2682E/ADM2687E Typical Full Duplex RS-485 Network
NOTES
1. RT IS EQUAL TO THE CHARACTERISTIC IMPEDANCE OF THE CABLE.
2. ISOLATION NOT SHOWN.
A
B
Z
Y
A
B
Z
Y
A
B
Z
Y
A
B
Z
Y
R
D
R
D
R
D
R
D
ADM2682E/
ADM2687E
ADM2682E/
ADM2687E
ADM2682E/
ADM2687E
RxD RE
DE TxD
RxD RE
DE TxD
RxD
RE
DE
TxD
RxD
RE
DE
TxD
ADM2682E/
ADM2687E
MAXIMUM NUMBER OF TRANSCEIVERS ON BUS = 256
RT
RT
NOTES
1. RT IS EQUAL TO THE CHARACTERISTIC IMPEDANCE OF THE CABLE.
2. ISOLATION NOT SHOWN.
R
D
A
B
Z
Y
R
D
A
B
Z
Y
R
D
A
B
Z
Y
R
D
A
B
Z
Y
RT
TxD
DE
RxD
RE
ADM2682E/
ADM2687E
ADM2682E/
ADM2687E
ADM2682E/
ADM2687E
SLAVE
RxD
RE
DE
TxD
ADM2682E/
ADM2687E
MASTER
SLAVE
SLAVE
RxD RE
DE TxD
RxD RE
DE TxD
RT
MAXIMUM NUMBER OF NODES = 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com