Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2682EBRIZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADM2682EBRIZ
Description  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM2682EBRIZ Datasheet HTML 12Page - Analog Devices ADM2682EBRIZ Datasheet HTML 13Page - Analog Devices ADM2682EBRIZ Datasheet HTML 14Page - Analog Devices ADM2682EBRIZ Datasheet HTML 15Page - Analog Devices ADM2682EBRIZ Datasheet HTML 16Page - Analog Devices ADM2682EBRIZ Datasheet HTML 17Page - Analog Devices ADM2682EBRIZ Datasheet HTML 18Page - Analog Devices ADM2682EBRIZ Datasheet HTML 19Page - Analog Devices ADM2682EBRIZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADM2682E/ADM2687E
Preliminary Technical Data
Rev. PrE | Page 18 of 20
voltages listed in Table 9 can be applied while maintaining the
50-year minimum lifetime, provided the voltage conforms to either
the unipolar ac or dc voltage cases. Any crossinsulation voltage
waveform that does not conform to Figure 37 or Figure 38 should
be treated as a bipolar ac waveform, and its peak voltage should
be limited to the 50-year lifetime voltage value listed in Table 9.
Figure 36. Bipolar AC Waveform
Figure 37. DC Waveform
Figure 38. Unipolar AC Waveform
TYPICAL APPLICATIONS
An example application of the ADM2682E/ADM2687E for a
full-duplex RS-485 node is shown in the circuit diagram of
Figure 39. Refer to the section PCB Layout for the
recommended placement of the capacitors shown in this circuit
diagram. Note that resistors RT are only included at the nodes
on either end of the bus and depend on the network
configuration.
Figure 40 and Figure 41 show typical applications of the
ADM2682E/ ADM2687E in half duplex and full duplex RS-485
network configurations. Up to 256 transceivers can be connected to
the RS-485 bus. To minimize reflections, terminate the line at the
receiving end in its characteristic impedance, and keep stub
lengths off the main line as short as possible. For half-duplex
operation, this means that both ends of the line must be
terminated because either end can be the receiving end.
Figure 39. Example Circuit Diagram Using the ADM2682E/ADM2687E
0V
RATED PEAK VOLTAGE
0V
RATED PEAK VOLTAGE
0V
RATED PEAK VOLTAGE
NOTES
1. THE VOLTAGE IS SHOWN AS SINUSODIAL FOR ILLUSTRATION
PURPOSES ONLY. IT IS MEANT TO REPRESENT ANY VOLTAGE
WAVEFORM VARYING BETWEEN 0 AND SOME LIMITING VALUE.
THE LIMITING VALUE CAN BE POSITIVE OR NEGATIVE, BUT THE
VOLTAGE CANNOT CROSS 0V.
ADM2682E/ADM2687E
TxD
A
B
Y
Z
DE
RxD
RE
ISOLATION
BARRIER
TRANSCEIVER
GND1
GND1
GND2
ENCODE
ENCODE
ENCODE
DECODE
DECODE
DECODE
D
R
OSCILLATOR
RECTIFIER
REGULATOR
VISOOUT
VCC
VCC
VISOIN
MICROCONTROLLER
AND UART
RT
3.3V/5V POWER
SUPPLY
100nF
10µF
100nF
10nF
100nF
10µF
100nF
10nF
DIGITAL ISOLATION iCoupler
isoPower DC-TO-DC CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com