Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2687EBRIZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM2687EBRIZ
Description  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2687EBRIZ Datasheet(HTML) 4 Page - Analog Devices

  ADM2687EBRIZ Datasheet HTML 1Page - Analog Devices ADM2687EBRIZ Datasheet HTML 2Page - Analog Devices ADM2687EBRIZ Datasheet HTML 3Page - Analog Devices ADM2687EBRIZ Datasheet HTML 4Page - Analog Devices ADM2687EBRIZ Datasheet HTML 5Page - Analog Devices ADM2687EBRIZ Datasheet HTML 6Page - Analog Devices ADM2687EBRIZ Datasheet HTML 7Page - Analog Devices ADM2687EBRIZ Datasheet HTML 8Page - Analog Devices ADM2687EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM2682E/ADM2687E
Preliminary Technical Data
Rev. PrE | Page 4 of 20
ADM2682E TIMING SPECIFICATIONS
TA = −40°C to +85°C.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DRIVER
Maximum Data Rate
16
Mbps
Propagation Delay, Low to High
tDPLH
63
100
ns
RL = 54 Ω, CL1 = C L2 = 100 pF, see Figure 25 and Figure 29
Propagation Delay, High to Low
tDPHL
64
100
ns
RL = 54 Ω, CL1 = C L2 = 100 pF, see Figure 25 and Figure 29
Output Skew
tSKEW
1
8
ns
RL = 54 Ω, CL1 = CL2 = 100 pF, see Figure 25 and Figure 29
Rise Time/Fall Time
tDR, tDF
15
ns
RL = 54 Ω, CL1 = CL2 = 100 pF, see Figure 25 and Figure 29
Enable Time
tZL, tZH
120
ns
RL = 110 Ω, CL = 50 pF, see Figure 26 and Figure 31
Disable Time
tLZ, tHZ
150
ns
RL = 110 Ω, CL = 50 pF, see Figure 26 and Figure 31
RECEIVER
Propagation Delay, Low to High
tRPLH
94
110
ns
CL = 15 pF, see Figure 27 and Figure 30
Propagation Delay, High to Low
tRPHL
95
110
ns
CL = 15 pF, see Figure 27 and Figure 30
Output Skew1
tSKEW
1
12
ns
CL = 15 pF, see Figure 27 and Figure 30
Enable Time
tZL, tZH
15
ns
RL = 1 kΩ, CL = 15 pF, see Figure 28 and Figure 32
Disable Time
tLZ, tHZ
15
ns
RL = 1 kΩ, CL = 15 pF, see Figure 28 and Figure 32
1
Guaranteed by design.
ADM2687E TIMING SPECIFICATIONS
TA = −40°C to +85°C.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DRIVER
Maximum Data Rate
500
kbps
Propagation Delay, Low to High
tDPLH
250
503
700
ns
RL = 54 Ω, CL1 = C L2 = 100 pF, see Figure 25 and Figure 29
Propagation Delay, High to Low
tDPHL
250
510
700
ns
RL = 54 Ω, CL1 = C L2 = 100 pF, see Figure 25 and Figure 29
Output Skew
tSKEW
7
100
ns
RL = 54 Ω, CL1 = CL2 = 100 pF, see Figure 25 and Figure 29
Rise Time/Fall Time
tDR, tDF
200
1100
ns
RL = 54 Ω, CL1 = CL2 = 100 pF, see Figure 25 and Figure 29
Enable Time
tZL, tZH
2.5
µs
RL = 110 Ω, CL = 50 pF, see Figure 26 and Figure 31
Disable Time
tLZ, tHZ
200
ns
RL = 110 Ω, CL = 50 pF, see Figure 26 and Figure 31
RECEIVER
Propagation Delay, Low to High
tRPLH
91
200
ns
CL = 15 pF, see Figure 27 and Figure 30
Propagation Delay, High to Low
tRPHL
95
200
ns
CL = 15 pF, see Figure 27 and Figure 30
Output Skew
tSKEW
4
30
ns
CL = 15 pF, see Figure 27 and Figure 30
Enable Time
tZL, tZH
15
ns
RL = 1 kΩ, CL = 15 pF, see Figure 28 and Figure 32
Disable Time
tLZ, tHZ
15
ns
RL = 1 kΩ, CL = 15 pF, see Figure 28 and Figure 32
ADM2682E/ADM2687E PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1012
Ω
Capacitance (Input-to-Output)1
CI-O
3
pF
f = 1 MHz
Input Capacitance2
CI
4
pF
1
Device considered a 2-terminal device: short together Pin 1 to Pin 8 and short together Pin 9 to Pin 16.
2
Input capacitance is from any input data pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com