Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2687EBRIZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM2687EBRIZ
Description  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2687EBRIZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM2687EBRIZ Datasheet HTML 5Page - Analog Devices ADM2687EBRIZ Datasheet HTML 6Page - Analog Devices ADM2687EBRIZ Datasheet HTML 7Page - Analog Devices ADM2687EBRIZ Datasheet HTML 8Page - Analog Devices ADM2687EBRIZ Datasheet HTML 9Page - Analog Devices ADM2687EBRIZ Datasheet HTML 10Page - Analog Devices ADM2687EBRIZ Datasheet HTML 11Page - Analog Devices ADM2687EBRIZ Datasheet HTML 12Page - Analog Devices ADM2687EBRIZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary Technical Data
ADM2682E/ADM2687E
Rev. PrE | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. ADM2682E Supply Current (ICC) vs. Temperature
(Data Rate = 16 Mbps, DE = 3.3 V, VCC = 3.3 V)
Figure 4. ADM2682E Supply Current (ICC) vs. Temperature
(Data Rate = 16 Mbps, DE = 5 V, VCC = 5 V)
Figure 5. ADM2687E Supply Current (ICC) vs. Temperature
(Data Rate = 500 kbps, DE = 5 V, VCC = 5 V)
Figure 6. ADM2687E Supply Current (ICC) vs. Temperature
(Data Rate = 500 kbps, DE = 3.3 V, VCC = 3.3 V)
Figure 7. ADM2682E Differential Driver Propagation Delay vs. Temperature
Figure 8. ADM2687E Differential Driver Propagation Delay vs. Temperature
20
0
40
60
80
100
120
140
160
180
–40
–15
10
35
60
85
TEMPERATURE (°C)
NO LOAD
RL = 120Ω
RL = 54Ω
20
0
40
60
80
100
120
140
–40
–15
10
35
60
85
TEMPERATURE (°C)
RL = 120Ω
RL = 54Ω
NO LOAD
20
0
40
60
80
100
120
–40
–15
10
35
60
85
TEMPERATURE (°C)
RL = 120Ω
RL = 54Ω
NO LOAD
20
0
40
60
80
100
120
140
–40
–15
10
35
60
85
TEMPERATURE (°C)
RL = 120Ω
RL = 54Ω
NO LOAD
50
52
54
56
58
60
62
64
66
68
70
72
TEMPERATURE (°C)
tDPHL
tDPLH
–40
–15
10
35
60
85
400
420
440
460
480
500
520
540
560
580
600
TEMPERATURE (°C)
tDPHL
tDPLH
–40
–15
10
35
60
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com