Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2687EBRIZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM2687EBRIZ
Description  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2687EBRIZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM2687EBRIZ Datasheet HTML 7Page - Analog Devices ADM2687EBRIZ Datasheet HTML 8Page - Analog Devices ADM2687EBRIZ Datasheet HTML 9Page - Analog Devices ADM2687EBRIZ Datasheet HTML 10Page - Analog Devices ADM2687EBRIZ Datasheet HTML 11Page - Analog Devices ADM2687EBRIZ Datasheet HTML 12Page - Analog Devices ADM2687EBRIZ Datasheet HTML 13Page - Analog Devices ADM2687EBRIZ Datasheet HTML 14Page - Analog Devices ADM2687EBRIZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Preliminary Technical Data
ADM2682E/ADM2687E
Rev. PrE | Page 11 of 20
Figure 15. ADM2682E Receiver Propagation Delay
Figure 16. ADM2687E Receiver Propagation Delay
Figure 17. ADM2682E Receiver Propagation Delay vs. Temperature
Figure 18. ADM2687E Receiver Propagation Delay vs. Temperature
Figure 19. ADM2682E Isolated Supply Voltage vs. Temperature
(VCC = 3.3 V, Data Rate = 16 Mbps)
Figure 20. ADM2682E Isolated Supply Voltage vs. Temperature
(VCC = 5 V, Data Rate = 16 Mbps)
B
A
RxD
CH1 2.0V
CH3 2.0V
CH2 2.0V
M10.00ns
A CH1
2.56V
1
3
CH1 2.0V
CH3 2.0V
CH2 2.0V
M10.00ns
A CH1
2.56V
1
3
B
A
RxD
93
92
94
95
96
97
98
–40
–15
10
35
60
85
TEMPERATURE (°C)
tRPHL
tRPLH
90
91
92
93
94
95
96
97
98
99
100
TEMPERATURE (°C)
tRPHL
tRPLH
–40
–15
10
35
60
85
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
NO LOAD
RL = 120Ω
RL = 54Ω
–40
–15
10
35
60
85
TEMPERATURE (°C)
3.26
3.27
3.28
3.29
3.31
3.33
3.35
3.30
3.32
3.34
3.36
NO LOAD
RL = 120Ω
RL = 54Ω
–40
–15
10
35
60
85
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com