Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP194ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP194ACBZ-R7
Description  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP194ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP194ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP194
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.8 V, VEN = VIN > VIH, ILOAD = 100 mA, TA = 25°C, unless otherwise noted.
0
0.02
0.04
0.06
0.08
0.10
0.12
–40
–5
65
25
85
TEMPERATURE (°C)
ILOAD = 20mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
Figure 4. RDSON vs. Temperature
0
0.05
0.10
0.15
0.20
0.25
0.30
1.0
1.4
1.8
2.2
2.6
3.0
3.4
VIN (V)
ILOAD = 10mA
ILOAD = 20mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
Figure 5. RDSON vs. Input Voltage, VIN
0
20
40
60
80
100
120
140
10
100
1000
ILOAD (mA)
VIN = 1.1V
VIN = 1.3V
VIN = 1.5V
VIN = 1.8V
VIN = 2.1V
VIN = 2.4V
VIN = 2.7V
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
Figure 6. Voltage Drop vs. Load Current
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2040
6080
10
TIME (µs)
0
VEN
VIN = 1.5V
VIN = 1.8V
VIN = 2.5V
VIN = 3.6V
Figure 7. Start-Up and Turn-On Delay vs. Input Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40
–5
65
25
85
TEMPERATURE (°C)
ILOAD = 20mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
Figure 8. Ground Current vs. Temperature
0
1
2
3
4
5
6
7
1.0
1.4
1.8
2.2
2.6
3.0
3.4
VIN (V)
ILOAD = 10mA
ILOAD = 20mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
Figure 9. Ground Current vs. Input Voltage, VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com