Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP194ACBZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP194ACBZ-R7
Description  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP194ACBZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP194ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADP194
Rev. 0 | Page 11 of 12
THERMAL CONSIDERATIONS
Power dissipation due to ground current is quite small and
can be ignored. Therefore, the junction temperature equation
simplifies to the following:
In most applications, the ADP194 does not dissipate much heat
due to its low on-channel resistance. However, in applications
with high ambient temperature and high load current, the heat
dissipated in the package can cause the junction temperature of
the die to exceed the maximum junction temperature of 125°C.
TJ = TA + {[(VIN − VOUT) × ILOAD] × θJA}
(3)
In cases where the board temperature is known, use the thermal
characterization parameter, ΨJB, to estimate the junction temper-
ature rise. Maximum junction temperature (TJ) is calculated
from the board temperature (TB) and power dissipation (PD)
using the formula
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to the power dissipation, as shown in Equation 1.
TJ = TB + (PD × ΨJB)
(4)
To guarantee reliable operation, the junction temperature of
the ADP194 must not exceed 125°C. To ensure that the junction
temperature stays below this maximum value, the user must be
aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the device, and thermal resistances between the
junction and ambient air (θJA). The θJA value is dependent on
the package assembly compounds that are used and the amount
of copper used to solder the package GND pin to the PCB.
Table 5 shows typical θJA values of the 4-ball WLCSP for various
PCB copper sizes. Table 6 shows the typical ΨJB value of the
4-ball WLCSP.
PCB LAYOUT CONSIDERATIONS
The heat dissipation capability of the package can be improved
by increasing the amount of copper attached to the pins of the
ADP194. However, as listed in Table 5, a point of diminishing
returns is eventually reached, beyond which an increase in the
copper size does not yield significant heat dissipation benefits.
It is critical to keep the input and output traces as wide and as
short as possible to minimize the circuit board trace resistance.
Table 5. Typical θJA Values for WLCSP
Copper Size (mm2)
θJA (°C/W)
01
260
50
159
100
157
300
153
500
151
1 Device soldered to minimum size pin traces.
Table 6. Typical ΨJB Values
Package
ΨJB
Unit
4-Ball WLCSP
58.4
°C/W
The junction temperature of the ADP194 is calculated from the
following equation:
Figure 25. ADP194 PCB Layout
TJ = TA + (PD × θJA)
(1)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
(2)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are the input and output voltages, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com