Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP194ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP194ACBZ-R7
Description  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP194ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP194ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP194ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Logic Controlled,
High-Side Power Switch
ADP194
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low RDSON of 80 mΩ at 1.8 V
Low input voltage range: 1.1 V to 3.6 V
500 mA continuous operating current
Built-in level shift for control logic that can be operated
by 1.2 V logic
Low 2 μA (maximum) ground current
Ultralow shutdown current <0.7 μA
Reverse current blocking
Ultrasmall 0.8 mm × 0.8 mm × 0.5mm, 4-ball, 0.4 mm
pitch WLCSP
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
TYPICAL APPLICATIONS CIRCUIT
GND
EN
+
LOAD
VIN
VOUT
ADP194
LEVEL SHIFT
AND SLEW
RATE CONTROL
OFF
ON
REVERSE
POLARITY
PROTECTION
Figure 1.
GENERAL DESCRIPTION
The ADP194 is a high-side load switch designed for operation
from 1.1 V to 3.6 V and is protected against reverse current flow
from output to input. This load switch provides power domain
isolation for extended power battery life. The device contains a
low on-resistance P-channel MOSFET that supports more than
500 mA of continuous load current and minimizes power loss.
The low 2 μA (maximum) ground current and ultralow shut-
down current make the ADP194 ideal for battery-operated
portable equipment. The built-in level shifter in the enable logic
input makes the ADP194 compatible with modern processors
and GPIO controllers.
Beyond operating performance, the ADP194 occupies minimal
printed circuit board (PCB) space with an area of less than
0.64 mm2 and a height of 0.50 mm. The ADP194 is available in
an ultrasmall 0.8 mm × 0.8 mm, 4-ball, 0.4 mm pitch WLCSP.


Similar Part No. - ADP194ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP190 AD-ADP190 Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
ADP190ACBZ-R7 AD-ADP190ACBZ-R7 Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
ADP190CB-EVALZ AD-ADP190CB-EVALZ Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
ADP191ACBZ-R7 AD-ADP191ACBZ-R7 Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
ADP191CB-EVALZ AD-ADP191CB-EVALZ Datasheet
642Kb / 16P
Logic Controlled, High-Side Power Switches
REV. D
More results

Similar Description - ADP194ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 2-4 November 2011
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX5P2090 PHILIPS-NX5P2090_15 Datasheet
644Kb / 20P
Logic controlled high-side power switch
Rev. 2.1-15 January 2015
NX3P2902B PHILIPS-NX3P2902B_15 Datasheet
417Kb / 15P
Logic controlled high-side power switch
Rev. 1-29 April 2013
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com