Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP197
Description  5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP197 Datasheet HTML 8Page - Analog Devices ADP197 Datasheet HTML 9Page - Analog Devices ADP197 Datasheet HTML 10Page - Analog Devices ADP197 Datasheet HTML 11Page - Analog Devices ADP197 Datasheet HTML 12Page - Analog Devices ADP197 Datasheet HTML 13Page - Analog Devices ADP197 Datasheet HTML 14Page - Analog Devices ADP197 Datasheet HTML 15Page - Analog Devices ADP197 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP197
Rev. 0 | Page 12 of 16
CH1 100mA
CH3 2V
CH2 1V
M1.00ms
A CH3
1.28V
3
1
2
T 10.20%
B
W
B
W
Ω
B
W
CH1 AMPL
204mA
Figure 27. Typical Turn-On Delay Time with VIN = 1.9 V, ILOAD = 200 mA
3
2
1
CH1 AMPL
222mA
CH1 100mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
Figure 28. Typical Turn-On Delay Time with VIN = 5.5 V, ILOAD = 220 mA
The rise time is defined as the time it takes the output voltage to
rise from 10% to 90% of VOUT reaching its final value. It is depen-
dent on the rise time of the internal charge pump.
For very large values of output capacitance, the RC time constant
(where C is the load capacitance (CLOAD) and R is the RDSON||RLOAD)
can become a factor in the rise time of the output voltage. Because
RDSON is much smaller than RLOAD, an adequate approximation
for RC is RDSON × CLOAD. An input or load capacitor is not required
for the ADP197 although capacitors can be used to suppress noise
on the board.
3
2
1
CH1 AMPL
266mA
CH1 100mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
Figure 29. Typical Rise Time and Inrush Current,
CLOAD = 100 μF, VIN = 1.9 V, ILOAD = 270 mA
3
2
1
CH1 AMPL
352mA
CH1 200mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
Figure 30. Typical Rise Time and Inrush Current,
CLOAD = 100 μF, VIN = 5.5 V, ILOAD = 350 mA
The turn-off time is defined as the time it takes for the output
voltage to fall from 90% to 10% of VOUT reaching its final value. It
is also dependent on the RC time constant of the output capacit-
ance and load resistance. Figure 31 shows the typical turn-off
time with VIN = 3.6 V, COUT = 1 μF, and RLOAD = 18 Ω.
CH1 1V
CH2 1V
M20µs
A CH1
240mV
1
2
T 20.20%
B
W
B
W
Figure 31. Typical Turn-Off Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com