Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP197
Description  5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP197 Datasheet HTML 8Page - Analog Devices ADP197 Datasheet HTML 9Page - Analog Devices ADP197 Datasheet HTML 10Page - Analog Devices ADP197 Datasheet HTML 11Page - Analog Devices ADP197 Datasheet HTML 12Page - Analog Devices ADP197 Datasheet HTML 13Page - Analog Devices ADP197 Datasheet HTML 14Page - Analog Devices ADP197 Datasheet HTML 15Page - Analog Devices ADP197 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP197
Rev. 0 | Page 13 of 16
OUTLINE DIMENSIONS
0.50 BSC
1.00
BSC
1.50
1.45
1.40
1.00
0.95
0.90
SEATING
PLANE
0.675
0.595
0.515
0.075
COPLANARITY
0.380
0.355
0.330
0.345
0.295
0.245
0.270
0.240
0.210
A1 BALL
CORNER
0.50
BSC
A
1
2
B
C
TOP VIEW
(BALL SIDE DOWN)
BOTTOM VIEW
(BALL SIDE UP)
Figure 32. 6-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-6-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADP197ACBZ-R7
−40°C to +85°C
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
87
ADP197CB-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com