Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7238SL Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE7238SL
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7238SL Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE7238SL Datasheet HTML 29Page - Infineon Technologies AG TLE7238SL Datasheet HTML 30Page - Infineon Technologies AG TLE7238SL Datasheet HTML 31Page - Infineon Technologies AG TLE7238SL Datasheet HTML 32Page - Infineon Technologies AG TLE7238SL Datasheet HTML 33Page - Infineon Technologies AG TLE7238SL Datasheet HTML 34Page - Infineon Technologies AG TLE7238SL Datasheet HTML 35Page - Infineon Technologies AG TLE7238SL Datasheet HTML 36Page - Infineon Technologies AG TLE7238SL Datasheet HTML 37Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
SPI Driver for Enhanced Relay Control
TLE7238SL
Application Information
Data Sheet
35
Rev. 1.0, 2010-02-18
11
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 14 shows a simplified application circuit. Vdd need to be externally reverse polarity protected.
Figure 14
Application Diagram
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
The circuit above shows a example of using this device in a automotive target application.
D1 is optional for loss of battery or loss of ground if no other circuit on this battery feed can limit the voltage to the
max. rating of the device (-40 V) .
C2 is for EMC and to stabilize the digital driver, recommended value is 47nF.
There are no resistors to the µC needed due to the internal reverse polarity protection.
For further information you may contact http://www.infineon.com/spider
SO
SCLK
SI
CS
GND
VDD
Application _7GS.emf
OUT0
OUT1
OUT6
OUT7
Vbat
Lowside
Loads
SPI uC
PWM
VDD
C2
VBB
Highside
Loads
OUT2
OUT3
D4
S4
D5
S5
PWM
PWM
IN2
IN1
IN3
SUB
Cooling area
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com