Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7238SL Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7238SL
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7238SL Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7238SL Datasheet HTML 21Page - Infineon Technologies AG TLE7238SL Datasheet HTML 22Page - Infineon Technologies AG TLE7238SL Datasheet HTML 23Page - Infineon Technologies AG TLE7238SL Datasheet HTML 24Page - Infineon Technologies AG TLE7238SL Datasheet HTML 25Page - Infineon Technologies AG TLE7238SL Datasheet HTML 26Page - Infineon Technologies AG TLE7238SL Datasheet HTML 27Page - Infineon Technologies AG TLE7238SL Datasheet HTML 28Page - Infineon Technologies AG TLE7238SL Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
SPI Driver for Enhanced Relay Control
TLE7238SL
Diagnostic Features
Data Sheet
25
Rev. 1.0, 2010-02-18
8.2
Command Description
Diagnosis Registers (read only, register bank RB = 1)
r/
DR01
00B
32
10
OL1
D1
OL0
D0
r
rrr
DR23
01B
32
10
OL3
D3
OL2
D2
r
rrr
DR45
10B
32
10
OL5
D5
OL4
D4
r
rrr
DR67
11B
32
10
OL7
D7
OL6
D6
r
rrr
Field
Bits
Type
Description
Dn
n = 7 to 0
2, 0
r
Diagnostic Feedback of
Channel n
0
normal operation
1
over load or over temperature switch off occurred
OLn
n = 7 to 0
3, 1
r
Open Load Detection of
Channel n
0
normal operation
1
Open load at OFF-state occurred
CMD
Command Register
110B
32
10
Wake
STB
RST
CPL
r/w
r/w
r/w
r/w
Field
Bits
Type
Description
CPL
0
r/w
please refer to Section 7 for description
RST
1
r/w
please refer to Section 5.3 for description
STB
2
r/w
please refer to Section 5 for description
Wake
3
r/w
please refer to Section 5 for description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com