Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7238SL Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7238SL
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7238SL Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7238SL Datasheet HTML 8Page - Infineon Technologies AG TLE7238SL Datasheet HTML 9Page - Infineon Technologies AG TLE7238SL Datasheet HTML 10Page - Infineon Technologies AG TLE7238SL Datasheet HTML 11Page - Infineon Technologies AG TLE7238SL Datasheet HTML 12Page - Infineon Technologies AG TLE7238SL Datasheet HTML 13Page - Infineon Technologies AG TLE7238SL Datasheet HTML 14Page - Infineon Technologies AG TLE7238SL Datasheet HTML 15Page - Infineon Technologies AG TLE7238SL Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Data Sheet
12
Rev. 1.0, 2010-02-18
SPI Driver for Enhanced Relay Control
TLE7238SL
Electrical Characteristics
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards.
For more information, go to www.jedec.org.
Thermal Resistance1)
1) Not subject to production test
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to Case, bottom
R
thJC,back
––
25
K/W
2)
2) Specified
R
thJSP value is simulated at natural convection on a cold plate setup (all pins are fixed to ambient temperature).
T
a = 85 °C. Ch1 to Ch8 are dissipating 1 W power (0.125 W each).
4.3.2
Junction to Case, top
R
thJC,top
––
25
K/W
2)
4.3.3
Junction to Pin (1,2,11 or 12)
R
thJPin
––
17
K/W
2)
4.3.4
Junction to Ambient
(1s0p, min. footprint)
R
thJA,min
–90
–
K/W
3)
3) Specified
R
thJA value is according to Jedec JESD51-2,-3 at natural convection on FR4 1s0p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with minimal footprint copper area and 70
µm thickness.
Ta = 85 °C, Ch1 to Ch8 are dissipating 1 W power (0.125 W each).
4.3.5
Junction to Ambient
(1s0p+300mm2Cu)
R
thJA,300
–70
–K/W
4)
4) Specified
R
thJA value is according to Jedec JESD51-2,-3 at natural convection on FR4 1s0p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with additional heatspreading copper area of 300mm2
and 70
µm thickness. Ta = 85 °C, Ch1 to Ch8 are dissipating 1 W power (0.125 W each).
4.3.6
Junction to Ambient
(1s0p+600mm2Cu)
R
thJA,600
–65
–K/W
5)
5) Specified
R
thJA value is according to Jedec JESD51-2,-3 at natural convection on FR4 1s0p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with additional heatspreading copper area of 600mm2
and 70
µm thickness. Ta = 85 °C, Ch1 to Ch8 are dissipating 1 W power (0.125 W each).
4.3.7
Junction to Ambient (2s2p)
R
thJA,2s2p
–55
–K/W
6)
6) Specified
R
thJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70
µm Cu, 2 x 35 µm Cu).
Ta = 85 °C, Ch1 to Ch8 are dissipating 1 W power (0.125 W each).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com