Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6230GP Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6230GP
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6230GP Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6230GP_09 Datasheet HTML 4Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 5Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 6Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 7Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 8Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 9Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 10Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 11Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet TLE 6230 GP
V2.3
Page
18. Nov. 2009
8
Power Transistor Protection Functions8)
Each of the eight output stages has its own zener clamp, which causes a voltage limitation at
the power transistor when solenoid loads are switched off. The outputs are provided with a
current limitation set to a minimum of 1 A. The continuous current for each channel is 500 mA
(all channels ON).
Each output is protected by embedded protection functions. In the event of an overload or
short to supply, the current is internally limited and the corresponding bit combination is set
(early warning). If this operation leads to an overtemperature condition, a second protection
level (about 170 °C) will change the output into a low duty cycle PWM (selective thermal shut-
down with restart) to prevent critical chip temperatures.
SPI Signal Description
CS - Chip Select. The system microcontroller selects the TLE 6230 GP by means of the CS
pin. Whenever the pin is in a logic low state, data can be transferred from the µC and vice
versa.
CS High to Low transition: - diagnostic status information is transferred from the power
outputs into the shift register.
- serial input data can be clocked in from then on
- SO changes from high impedance state to logic high or low
state corresponding to the SO bits
CS Low to High transition: - transfer of SI bits from shift register into output buffers
- reset of diagnosis register
To avoid any false clocking the serial clock input pin SCLK should be logic low state during
high to low transition of CS . When CS is in a logic high state, any signals at the SCLK and SI
pins are ignored and SO is forced into a high impedance state.
SCLK - Serial Clock. The system clock pin clocks the internal shift register of the TLE
6230 GP. The serial input (SI) accepts data into the input shift register on the falling edge of
SCLK while the serial output (SO) shifts diagnostic information out of the shift register on the
rising edge of serial clock. It is essential that the SCLK pin is in a logic low state whenever chip
select CS makes any transition. The number of clock pulses will be counted during a chip se-
lect cycle. The received data will only be accepted, if exactly 16 clock pulses were counted
during CS is active.
SI - Serial Input. Serial data bits are shifted in at this pin, the most significant bit first. SI infor-
mation is read in on the falling edge of SCLK. Input data is latched in the shift register and then
transferred to the control buffer of the output stages.
The input data consists of two bytes - a "control byte” followed by a "data byte". The control
byte contains the information as to whether the data byte will be accepted or ignored (see di-
agnostics section). The data byte contains the input information for the eight channels. A logic
8)
The integrated protection functions prevent an IC destruction under fault conditions and may not be used in normal operation or perma-
nently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com