Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6230GP Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6230GP
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6230GP Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6230GP_09 Datasheet HTML 5Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 6Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 7Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 8Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 9Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 10Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 11Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 12Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet TLE 6230 GP
V2.3
Page
18. Nov. 2009
9
high level at this pin (within the data byte) will switch on the power switch, provided that the
corresponding parallel input is also switched on (AND-operation for channel 1 to 4).
SO - Serial Output. Diagnostic data bits are shifted out serially at this pin, the most significant
bit first. SO is in a high impedance state until the CS pin goes to a logic low state. New diag-
nostic data will appear at the SO pin following the rising edge of SCLK.
RESET
- Reset pin. If the reset pin is in a logic low state, it clears the SPI shift register and
switches all outputs OFF. An internal pull-up structure is provided on chip.
Diagnostics
FAULT
- Fault pin. There is a general fault pin (open drain) which shows a high to low transi-
tion as soon as an error occurs for any one of the eight channels. This fault indication can be
used to generate a µC interrupt. Therefore a ‘diagnosis’ interrupt routine need only be called
after this fault indication. This saves processor time compared to a cyclic reading of the SO
information.
As soon as a fault occurs, the fault information is latched into the diagnosis register. A new
error will over-write the old error report. Serial data out pin (SO) is in a high impedance state
when CS is high. If CS receives a LOW signal, all diagnosis bits can be shifted out serially.
The rising edge of CS will reset all error registers.
There are two diagnostic bits per channel configured as shown in Figure 1.
Normal function: The bit combination HH indicates that there is no fault condition, i.e. normal
function.
Overload, Short Circuit to Battery (SCB) or Overtemperature: HL is set when the current
limitation gets active, i.e. there is a overload, short to supply or overtemperature condition.
Open load: An open load condition is detected when the drain voltage decreases below 3 V
(typ.).
LH bit combination is set.
Short Circuit to GND: If a drain to ground short circuit exists and the drain to ground current
exceeds 100 µA, short to ground is detected and the
LL bit combination is set.
Diagnostic Serial Data Out SO
HH
Normal function
HL
Overload, Shorted Load or Overtemperature
LH
Open Load
LL
Shorted to Ground
Ch.8
Ch.7
Ch.6
Ch.5
15
14
13
12
11 10
9
8
- - - - -
Figure 1: Two bits per channel diagnostic feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com