Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6230GP Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6230GP
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6230GP Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6230GP_09 Datasheet HTML 6Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 7Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 8Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 9Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 10Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 11Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 12Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 13Page - Infineon Technologies AG TLE6230GP_09 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet TLE 6230 GP
V2.3
Page
18. Nov. 2009
10
A definite distinction between open load and short to ground is guaranteed by design.
The standard way of obtaining diagnostic information is as follows:
Clock in serial information into SI pin and wait approximately 150 µs to allow the outputs toset-
tle. Clock in the identical serial information once again - during this process the data coming
out at SO contains the bit combinations representing the diagnosis conditions as described in
figure 1.
By means of the control byte it is possible either to:
a) control the eight outputs according to the data byte, as well as being able to read the
diagnostic information
or b) purely get diagnostic information without changing the state of the outputs.
a) Serial Control of Outputs
HHHHHHHH LHLHHLLL
Control Byte
Data Byte
12
443
44 1 2
443
44
: Serial input information
Control byte is set to FFhex: Data byte will be accepted. The outputs will be switched ON or
OFF according to the information of the data byte and the parallel inputs (Channel 1 to 4 be-
cause of AND operation).
All other control words except the one for 'Diagnosis Only = 00hex' will also be accepted as a
valid control word and the data will be accepted.
Example: HLLHLHLH DDDDDDDD: Outputs will switch according to the data bits.
b) Diagnosis Only
LLLLLLLL XXXXXXXX
Control Byte
Data Byte
12
4
43
44 1 2
443
44
: Serial input information
Control byte is set to 00hex: Data byte will be ignored. Diagnostic information can be read out
at any time with no change of the switching conditions. Only 00hex means 'Diagnosis Only'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com