Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6365
Description  Step Down Voltage Regulator with Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6365 Datasheet HTML 9Page - Infineon Technologies AG TLE6365 Datasheet HTML 10Page - Infineon Technologies AG TLE6365 Datasheet HTML 11Page - Infineon Technologies AG TLE6365 Datasheet HTML 12Page - Infineon Technologies AG TLE6365 Datasheet HTML 13Page - Infineon Technologies AG TLE6365 Datasheet HTML 14Page - Infineon Technologies AG TLE6365 Datasheet HTML 15Page - Infineon Technologies AG TLE6365 Datasheet HTML 16Page - Infineon Technologies AG TLE6365 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TLE 6365
Data Sheet
13
Rev. 1.9, 2007-07-30
Application Circuit
t
Figure 6
Application Circuit
AEA03310.VSD
TLE 6365 G
Biasing
and
V
REF
GND
4
8
V
CC
Buck
Converter
BUO
3
BDS
V
Internal
Reference
Current
Generator
and
Oscillator
Undervoltage
Reset
Generator
RO
R
1
R
R
100 k
Ω
R
CO
47 k
Ω
C
CO
470 nF
BUC
5
7
6
2
DBU
L
BU
220 µH
+
V
CC
Reset
Output
C
BU1
100 µF
C
BU2
220 nF
V
S
ZD1
36 V
+
C
S
220 nF
C
L
10 µF
D1
V
Batt
C
BOT
10 nF
D1
Device
DBU
L
BU
L
BU
200 V; 1 A; SOT89
Remarks
220 µH; 0.8 A; 0.53
Ω
220 µH; 0.8 A; 0.61
Ω
Schottky; 100 V; 1 A
Infineon
Supplier
-
Epcos
Coilcraft
BAW78C
Type
SS14
B82476-A1224-M
DO3316P-224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com