Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6365
Description  Step Down Voltage Regulator with Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6365 Datasheet HTML 1Page - Infineon Technologies AG TLE6365 Datasheet HTML 2Page - Infineon Technologies AG TLE6365 Datasheet HTML 3Page - Infineon Technologies AG TLE6365 Datasheet HTML 4Page - Infineon Technologies AG TLE6365 Datasheet HTML 5Page - Infineon Technologies AG TLE6365 Datasheet HTML 6Page - Infineon Technologies AG TLE6365 Datasheet HTML 7Page - Infineon Technologies AG TLE6365 Datasheet HTML 8Page - Infineon Technologies AG TLE6365 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet
2
Rev. 1.9, 2007-07-30
TLE 6365
Pin Configuration
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol Function
1R
Reference Input; an external resistor from this pin to GND
determines the reference current and so the oscillator / switching
frequency.
2RO
Reset Output; open drain output from reset comparator with an
internal pull-up resistor
3BUC
Buck-Converter Compensation Input; output of internal error
amplifier; for loop-compensation and therefore stability connect an
external
R-C-series combination to GND.
4GND
Ground; analog signal ground
5
V
CC
Output Voltage Input; feedback input (with integrated resistor
divider) and logic supply input; external blocking capacitor
necessary
7BUO
Buck Converter Output; source of the integrated power-DMOS
6BDS
Buck Driver Supply Input; voltage to drive the buck converter
powerstage
8
V
S
Supply Voltage Input; buck converter input voltage; external
blocking capacitor necessary.
AEP03319 .VSD
1
R
2
RO
3
BUC
4
GND
8
7
6
5
VS
BUO
BDS
VCC
TLE 6365 G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com