Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6365
Description  Step Down Voltage Regulator with Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6365 Datasheet HTML 1Page - Infineon Technologies AG TLE6365 Datasheet HTML 2Page - Infineon Technologies AG TLE6365 Datasheet HTML 3Page - Infineon Technologies AG TLE6365 Datasheet HTML 4Page - Infineon Technologies AG TLE6365 Datasheet HTML 5Page - Infineon Technologies AG TLE6365 Datasheet HTML 6Page - Infineon Technologies AG TLE6365 Datasheet HTML 7Page - Infineon Technologies AG TLE6365 Datasheet HTML 8Page - Infineon Technologies AG TLE6365 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Type
Package
Marking
TLE 6365 G
PG-DSO-8
6365G
Step Down Voltage Regulator with Reset
TLE 6365
P/PG-DSO-8-3, -6, -7, -8, -9
Data Sheet
1
Rev. 1.9, 2007-07-30
Features
•
Step down converter
•
Supply Over- and Under-Voltage-Lockout
•
Low Output voltage tolerance
•
Output Overvoltage Lockout
•
Output Under-Voltage-Reset with delay
•
Overtemperature Shutdown
•
Wide Ambient operation range -40
°C to 125 °C
•
Wide Supply voltage operation range
•
Very low current consumption
•
Very small PG-DSO-8 SMD package
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE 6365 G is a power supply circuit especially designed for automotive
applications.
The device is based on Infineon’s power technology SPT
® which allows bipolar and
CMOS control circuitry to be integrated with DMOS power devices on the same
monolithic circuitry.
The TLE 6365 G contains a buck converter and a power on reset feature to start up the
system
The very small PG-DSO-8 SMD package meets the application requirements.
It delivers a precise 5 V fully short circuit protected output voltage.
Furthermore, the build-in features like under- and overvoltage lockout for supply- and
output-voltage and the overtemperature shutdown feature increase the reliability of the
TLE 6365 G supply system.


Similar Part No. - TLE6365

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
More results

Similar Description - TLE6365

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
STEP UP & DOWN VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM2593 CHAMP-CM2593 Datasheet
316Kb / 12P
2A Step Down VOLTAGE REGULATOR
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
High Voltage Step-Down Regulator
logo
Linear Technology
LT3688 LINER-LT3688 Datasheet
421Kb / 28P
Dual 800mA Step-Down Switching Regulator with Power-On Reset
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
3A Step-Down Voltage Regulator
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com