Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6368 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 28Page - Infineon Technologies AG TLE6368 Datasheet HTML 29Page - Infineon Technologies AG TLE6368 Datasheet HTML 30Page - Infineon Technologies AG TLE6368 Datasheet HTML 31Page - Infineon Technologies AG TLE6368 Datasheet HTML 32Page - Infineon Technologies AG TLE6368 Datasheet HTML 33Page - Infineon Technologies AG TLE6368 Datasheet HTML 34Page - Infineon Technologies AG TLE6368 Datasheet HTML 35Page - Infineon Technologies AG TLE6368 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
32
Rev. 2.2, 2006-12-01
3.4.34 Ripple
rejection
PSRR2
26
40
dB
f=330kHz; 1)
3.4.35 Output
Capacitor
CQ_LDO2
470
nF
Ceramic type,
value for stability
Voltage Regulator Q_LDO3
3.4.36 Output
voltage 3.3V
VQ_LDO3
3.14
3.46
V
20mA < IQ_LDO3 <
300mA;
3.3V mode
3.4.37 Output
voltage 3.3V
VQ_LDO3
3.32
V
IQ_LDO3 =300mA;
3.3V mode
3.4.38 Output
voltage 2.6V
VQ_LDO3
2.500
2.750
V
20mA < IQ_LDO3 <
300mA;
2.6V mode
3.4.39 Output
voltage 2.6V
VQ_LDO3
2.625
V
IQ_LDO3 =300mA;
2.6V mode
3.4.40 Load
Regulation
∆VQ_LDO3
30
mV
20mA< IQ_LDO3
<300mA;
VFB/L_IN=5.5V
3.3V mode
3.4.41 Load
Regulation
∆VQ_LDO3
30
mV
20mA< IQ_LDO3
<300mA;
VFB/L_IN=5.5V
2.6V mode
3.4.42 Current limit
IQ_LDO3
limit
350
500
600
mA
VQ_LDO3=2.8V;
3.3V mode
3.4.43 Current limit
IQ_LDO3
limit
350
500
600
mA
VQ_LDO3=2V;
2.6V mode
3.4.44 Ripple
rejection
PSRR3
26
40
dB
f=330kHz; 1)
3.4.45 Output
Capacitor
CQ_LDO3
470
nF
Ceramic type,
value for stability
Voltage Tracker Q_T1
-40 < Tj <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com