Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6368 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 19Page - Infineon Technologies AG TLE6368 Datasheet HTML 20Page - Infineon Technologies AG TLE6368 Datasheet HTML 21Page - Infineon Technologies AG TLE6368 Datasheet HTML 22Page - Infineon Technologies AG TLE6368 Datasheet HTML 23Page - Infineon Technologies AG TLE6368 Datasheet HTML 24Page - Infineon Technologies AG TLE6368 Datasheet HTML 25Page - Infineon Technologies AG TLE6368 Datasheet HTML 26Page - Infineon Technologies AG TLE6368 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
23
Rev. 2.2, 2006-12-01
3
Characteristics
3.1
Absolute Maximum Ratings
Item Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Max.
3.1.1 Supply Voltage Input IN
Voltage
V
IN
-0.5
60
V
–
Voltage
V
IN
-1.0
60
V
Tj = -40 °C
Current
I
IN
––
–
3.1.2 Buck-Switch Output SW
Voltage
V
SW
-2
VS+0.5
V
–
Current
I
SW
––
–
3.1.3 Feedback and Linear Voltage Regulator Input
Voltage
V
FB/L_IN
-0.5
8
V
–
Current
I
FB/L_IN
––
–
3.1.4 Bootstrap Connector Bootstrap
Voltage
V
Bootstrap
V
SW-
0.5V
V
SW+
10V
V
Voltage
V
Bootstrap
-0.5
70
V
Current
I
Bootstrap
––
–
Internally limited
3.1.5 Boost Input
Voltage
V
Boost
-0.5
60
V
–
Current
I
Boost
––
–
Internally limited
3.1.6 Slope Control Input Slew
Voltage
V
Slew
-0.5
6
V
–
Current
I
Slew
––
–
Internally limited
3.1.7 Charge Pump Capacitor Connector C-
Voltage
V
CL
-0.5
VFB/L_IN
+0.5
V
Current
I
CL
-150
+150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com