Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6368 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 35Page - Infineon Technologies AG TLE6368 Datasheet HTML 36Page - Infineon Technologies AG TLE6368 Datasheet HTML 37Page - Infineon Technologies AG TLE6368 Datasheet HTML 38Page - Infineon Technologies AG TLE6368 Datasheet HTML 39Page - Infineon Technologies AG TLE6368 Datasheet HTML 40Page - Infineon Technologies AG TLE6368 Datasheet HTML 41Page - Infineon Technologies AG TLE6368 Datasheet HTML 42Page - Infineon Technologies AG TLE6368 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
39
Rev. 2.2, 2006-12-01
3.4.116 Reset output
low voltage
VR3 L
0.3
V
IR3=0.3mA;
VQ_LDO3 =1V
3.4.117 Reset output
low sink
current
IR3 L
10
µA
VQ_LDO3 =0.75V;
Tj > 25°C
3.4.118 Reset High
leakage
current
IR3 H
1µA
3.4.119 Reset
reaction time
trr
1210
µs
1)
Valid for R1, R2
and R3
3.4.120 Reset Delay
Norm factor
tNORM,RES 0.75
1
1.25
1
3.4.121 Reset Delay
time
tRES
0.75
1
1.25
t
RES(SPI)
Valid for R1, R2
and R3; tRES (SPI)
is defined by the
SPI word (see
section 2.12)
RAM Good
3.4.122 VQ1 threshold VTh Q1
2.3
2.8
3.3
V
3.4.123 VQ2 threshold VTh Q2
1.2
1.4
1.7
V
3.3V mode
3.4.124 VQ2 threshold VTh Q2
1.2
1.4
1.7
V
2.6V mode; 1)
Window Watchdog
3.4.125 Closed
window time
tolerance
tCW_tol
0.75
1
1.25
Multiply with
watchdog
window time set
by SPI to obtain
the limits (2.12)
3.4.126 Open
window time
tolerance
tOW_tol
0.75
1
1.25
Multiply with
watchdog
window time set
by SPI to obtain
the limits (2.12)
-40 < Tj <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com