Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7188F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7188F
Description  3-Phase Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7188F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7188F Datasheet HTML 5Page - Infineon Technologies AG TLE7188F Datasheet HTML 6Page - Infineon Technologies AG TLE7188F Datasheet HTML 7Page - Infineon Technologies AG TLE7188F Datasheet HTML 8Page - Infineon Technologies AG TLE7188F Datasheet HTML 9Page - Infineon Technologies AG TLE7188F Datasheet HTML 10Page - Infineon Technologies AG TLE7188F Datasheet HTML 11Page - Infineon Technologies AG TLE7188F Datasheet HTML 12Page - Infineon Technologies AG TLE7188F Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
9
V2.1, 2007-06-20
TLE7188F
General Product Characteristics
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
4.1.27
Junction to case
R
thJC
–5
K/W
–
Power Dissipation
4.1.28
Power Dissipation (DC) @
TCASE=125°C
P
tot
–2
W
–
ESD Susceptibility
4.1.29
ESD Resistivity2)
V
ESD
–
2
kV
Gxx excluded
4.1.30
V
ESD
–1
kV
4.1.31
ESD Resistivity (charge device model)3)
V
ESD
–750
V
1) Not subject to production test, specified by design.
2) ESD susceptibility HBM according to EIA/JESD 22-A 114B
3) ESD susceptibility CDM according to EIA/JESD 22-C 101
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply voltage1) 2)
1) max ratings for Tj has to be considered as well
V
S
5.5
5.5
20
28
VDC
T
A=25°C; t<1min
4.2.2
Duty cycle3)
D
0
100
%
–
4.2.3
PWM frequency
f
PWM
0
25
kHz
Total gate charge
400nC
4.2.4
Quiescent current4)
I
Q
–30
µA
V
S,VDH<20 V
4.2.5
Quiescent current into VDH
I
Q_VDH
–30
µA
V
DH<20V;
VS pin open
4.2.6
Supply current at Vs
I
Vs
–
–
–
–
110
110
90
90
mA
f
PWM=20kHz
QG=170nC:
VS = 5.5V
VS = 14V
VS = 18V
VS = 20V
4.2.7
Supply current at Vs (device
disabled by ENA)
I
Vs(o)
–
–
60
50
mA
Vs=5.5V ... 18V
Vs=18V ... 20V
4.2.8
Supply current at VS_OA
I
Vs_OA
–30
mA
VS_OA=5.5 ... 6.5V
4.2.9
Voltage difference CB2-VDH
V
CB2-VDH
-0.3
20
V
Operation mode
4.2.10
Junction temperature
T
j
-40
150
°C
Absolute Maximum Ratings (cont’d)1)
-40
°C ≤ Tj ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com