Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7188F Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7188F
Description  3-Phase Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7188F Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7188F Datasheet HTML 18Page - Infineon Technologies AG TLE7188F Datasheet HTML 19Page - Infineon Technologies AG TLE7188F Datasheet HTML 20Page - Infineon Technologies AG TLE7188F Datasheet HTML 21Page - Infineon Technologies AG TLE7188F Datasheet HTML 22Page - Infineon Technologies AG TLE7188F Datasheet HTML 23Page - Infineon Technologies AG TLE7188F Datasheet HTML 24Page - Infineon Technologies AG TLE7188F Datasheet HTML 25Page - Infineon Technologies AG TLE7188F Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TLE7188F
Shunt Signal Conditioning
Data Sheet
22
V2.1, 2007-06-20
5.3.1
Electrical Characteristics
Electrical Characteristics - Current sense signal conditioning
V
S = 5.5 to 20V, Tj = -40 to +150°C, FPWM < 25kHz, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.3.1
Series resistors
R
S
100
500
1000
Ω
–
5.3.2
Feedback resistor
Limited by the output voltage
dynamic range
R
fb
2000
7500
–
Ω
–
5.3.3
Resistor ratio (gain ratio)
R
fb/RS
5–15
–
–
5.3.4
Steady state differential input
voltage range across VIN1)
V
IN(ss)
-400
–
400
mV
–
5.3.5
Input differential voltage (ISPx -
ISNx)
V
IDR
-800
–
800
mV
–
5.3.6
Input voltage (Both Inputs - GND)
(ISP - GND) or (ISN -GND)
V
LL
-800
–
2000
mV
–
5.3.7
Input voltage (Both Inputs - GND)
(ISP - GND) or (ISN -GND)
V
LL
-800
–
1500
mV
Vs=5.5V
5.3.8
Absolute input offset voltage of the
I-DC link OpAmp, including drift
over temperature range
V
IO
––2mV
RS=500Ω; VCM=0V;
VO=1.65V;
VRI=1.65V
5.3.9
Input offset voltage difference of
the I-DC link OpAmps, including
drift over temperature range
V
IO
––+/-1
mV
RS=500Ω; VCM=0V;
VO=1.65V;
VRI=1.65V
5.3.10
Absolute input offset voltage of
reference buffer
V
IO
––3mV
–
5.3.11
VRI input range
V
RI
1.2
–
2.8
V
–
5.3.12
Input bias current
I
IB
-300
–
–
µA
VCM=0V; VO=open
5.3.13
High level output voltage of VOx
V
OH
4.8
–
5.2
V
IOH=-2mA;
Vs=6V
5.3.14
Low level output voltage of VOx
V
OL
-0.1
–
0.2
V
IOH=3mA
5.3.15
Output voltage of VOx
VRI= 2.5V,
VRI=1.65V,
V
OR
2.467
1.617
2.50
1.65
2.533
1.683
V
VIN(SS)=0V;
Gain=15;
Tj=25°C
5.3.16
Output short circuit current
I
SC
5––mA
–
5.3.17
Differential input resistance2)
R
I
100
––k
Ω
–
5.3.18
Common mode input capacitance2)
I
SC
––10
pF
10kHz
5.3.19
Common mode rejection ratio at
DC
CMRR =
20*Log((Vout_diff/Vin_diff) *
(Vin_CM/Vout_CM))
C
MRR
80
––db
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com