Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7188F Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7188F
Description  3-Phase Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7188F Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7188F Datasheet HTML 17Page - Infineon Technologies AG TLE7188F Datasheet HTML 18Page - Infineon Technologies AG TLE7188F Datasheet HTML 19Page - Infineon Technologies AG TLE7188F Datasheet HTML 20Page - Infineon Technologies AG TLE7188F Datasheet HTML 21Page - Infineon Technologies AG TLE7188F Datasheet HTML 22Page - Infineon Technologies AG TLE7188F Datasheet HTML 23Page - Infineon Technologies AG TLE7188F Datasheet HTML 24Page - Infineon Technologies AG TLE7188F Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
21
V2.1, 2007-06-20
TLE7188F
Shunt Signal Conditioning
5.3
Shunt Signal Conditioning
The TLE7188F incorporates three fast and precise operational amplifiers for conditioning and amplification of the
shunt signals sensed in the three phases. Additionally, one reference bias buffer is integrated to provide an
adjustable bias reference for the three OpAmps. The voltage divider on the VRI pin should be less than 50 kOhm,
the filtering capacitor less than 1.2 µF - if needed at all. The gain of the OpAmps is adjustable by external resistors
within a range of 5 to 15.
When V(ISP) = V(ISN), VO provides the reference voltage VRO. VRO is normally half of the regulated voltage
provided from an external voltage regulator for the ADC used to read the current sense signal. The additional
buffer allows bi-directional current sensing and permits the adaptation of the reference bias to different µC I/O
voltages. The reference buffer assures a stable reference voltage even in the high frequency range.
The reference bias buffer is used for all of the OpAmps. The OpAmps of the TLE7188F demonstrate low offset
voltages and very little drift over temperature, thus allowing accurate phase current measurements.
Figure 4
Shunt Signal Conditioning Block Diagram and Over Current Limitation
Over current warning see Chapter 5.2.2.
VRI
VRO
ISP1
ISN1
-
+
Shunt 1
Rfb
Rfb
Rs
Rs
VTHOC
VO1
blanking
time
1.5µs
to Error
logic
Over
current
Bias
Reference
I-DC Link
OpAmp1
OC
Comp
5V
5V
ISP2
ISN2
Shunt 2
I-DC Link
OpAmp2
blanking
time
1.5µs
Over
current
OC
Comp
VO2
ISP3
ISN3
Shunt 3
I-DC Link
OpAmp3
blanking
time
1.5µs
Over
current
OC
Comp
VO3
Rfb
Rfb
Rs
Rs
Rs
Rs
Adjustable over current limit
(VTHOC = 0
OC disabled)
to ADCs
TLE7188F
Adjustable
bias
reference
V
IN1
R
VRI
R
VRI
C
VRI
C
VRI < 1.2 µF (if needed)
R
VRI < 50 kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com