Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP156 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP156
Description  Planar High Performance Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP156 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP156 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP156 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BCP156
NPN Silicon
Planar High Performance Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SOT-89
Absolute Maximum Ratings at TA=25 C
o
Symbol
Parameter
Value
Collector Current (DC)
5
1.2
55~+150
60
80
3
6
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
A
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
Collector Current (Pulse)
01-Jun-2002 Rev. A
Page 1 of 2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Description
The BCP156 is designed for general purpose
switching and amplifier applications.
Features
* 3 Amp Continuous Current
* 60 Volt VCEO
* Low Saturation Voltage
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
C
*
Pulse width 300 s, Duty Cycle 2%
≦
≦
µ
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=100
VEB=4V,IC=0
µA,IE=0
IC=10mA,IB=0
IE=100µA,IC=0
VCB= 60V,IE=0
IC=
VCE= V, IC=
VCE= V, IC=100mA,f=100MHz
VCB=10 , f=1MHz
*BVCEO
60
-
-
V
BVEBO
-
-
V
ICBO
-
-
100
nA
-
*VCE(sat)1
-
*hFE1
fT
-
MH
Cob
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
80
5
0.3
100
V
1A,IB=0.1A
2
500mA
5
V
100
200
175
300
-
140
30
IEBO
Emitter-Base Cutoff Current
-
nA
IC=
*VBE(sat)
-
Base-Emitter Saturation Voltage
70
1.25
V
1A,IB=0.1A
*hFE2
-
0.12
0.9
200
VCE= V, IC=
2
50mA
IC=
*VCE(sat)2
-
0.6
V
3A,IB=0.3A
0.43
IC=
*VBE(on)
-
1
V
1A,VCE=2V
0.8
VCE= V, IC=
*hFE3
2
2 A
40
80
-
80
*hFE4
-
170
VCE= V, IC=
2
1A
VCC=
ton
-
ns
toff
-
Time-On
Time-Off
10V,IC=500mA,IB1=IB2=50mA
45
800
-
-
Measured under pulse condition.
Spice parameter data is available upon request for this device.
o


Similar Part No. - BCP156

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP156 SECOS-BCP156_15 Datasheet
564Kb / 2P
Planar High Performance Transistor
More results

Similar Description - BCP156

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT751 ZETEX-FZT751 Datasheet
97Kb / 2P
PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
GTM CORPORATION
GL156 GTM-GL156 Datasheet
292Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
GM156 GTM-GM156 Datasheet
264Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT649 KEXIN-FZT649 Datasheet
38Kb / 2P
NPN Silicon Planar High Performance Transistor
logo
SeCoS Halbleitertechnol...
PZT157 SECOS-PZT157 Datasheet
1Mb / 2P
PNP Transistor Silicon Planar High Performance Transistor
logo
Micro Commercial Compon...
FMMT491 MCC-FMMT491 Datasheet
241Kb / 3P
NPN Silicon Planar High Performance Transistor
logo
SeCoS Halbleitertechnol...
BCP156 SECOS-BCP156_15 Datasheet
564Kb / 2P
Planar High Performance Transistor
logo
Micro Commercial Compon...
FMMT449 MCC-FMMT449 Datasheet
239Kb / 2P
NPN Silicon Planar High Performance Transistor
FMMT618 MCC-FMMT618 Datasheet
442Kb / 4P
NPN Silicon Planar High Performance Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com