Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2013 Datasheet(PDF) 4 Page - Seme LAB

Part # D2013
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2013 Datasheet(HTML) 4 Page - Seme LAB

  D2013 Datasheet HTML 1Page - Seme LAB D2013 Datasheet HTML 2Page - Seme LAB D2013 Datasheet HTML 3Page - Seme LAB D2013 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D2013UK
Prelim.12/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
T2
T1 9
L1
L3
10 0n F
1 n F
1K 2
1 K 2
1K 2
36 p F
36 p F
1- 8p F
10 p F
2. 2p F
1- 8p F
10
1n F
10 0n F
36 p F
36 p F
8. 2p F
3 . 6 p F
1- 8p F
D 2 01 3U K
D 2 01 3U K
L2
10 0u F
T1
G a te -B i a s
+ 28V
T3
T4
T5
T6
T7
T8
T9
T1 1
T 1 2
T1 3
T 1 4
T1 5
T 1 6
T1 7
T 1 8
T1 0
1000MHz Test Fixture
Substrate 0.8mm thick PTFE/glass
All microstrip lines W = 2.7mm
T1
23mm
T2, T19
50MM 50 Ohm UT34 semi-rigid coax
T3, T7
6mm
T4, T8
8mm
T5, T9
15mm
T6, T10
9mm
T11, T15
8mm
T12, T16
7mm
T13, T17
11mm
T14, T18
5mm
L1, L2 6 turns of 24swg enamelld copper wire, 3mm i,d.
L3 1.5 turn 24 swg enamelled copper wire on Siemens B62152-A7x 2 hole core



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com