Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2013 Datasheet(PDF) 3 Page - Seme LAB

Part # D2013
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2013 Datasheet(HTML) 3 Page - Seme LAB

  D2013 Datasheet HTML 1Page - Seme LAB D2013 Datasheet HTML 2Page - Seme LAB D2013 Datasheet HTML 3Page - Seme LAB D2013 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D2013UK
Prelim.12/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Figure 1
OutputPower and Gain vs. Input Power.
Figure 2
Output Power and efficiency vs. Input Power.
Figure 3
IMD Vs. Output Power.
OPTIMUM SOURCE AND LOAD IMPEDANCE
Frequency
ZS
ZL
MHz
W
W
W
W
W
W
W
W
1000MHZ
1.3 - j4.6
2.5 - j2.6






3LQ:




3RXW
:

















*DLQ
G%
3RXW
*DLQ
I
*+]
,GT
$
9GV 9






3LQ:







3RXW
:







'UDLQ(IILFLHQF\

3RXW
'UDLQ(IILFLHQF\
I
*+]
,GT
$
9GV
9







3RXW:3(3









,0'
G%F
,GT $
,GT $
I 0+]
I 0+]
9GV 9
!Freq
S11
S21
S12
S22
!MHz
mag
ang
mag
ang
mag
ang
mag
ang
100
0.841
-122
24.547
98
0.01318
13
0.49
-94
200
0.871
-146
11.482
69
0.01
0
0.61
-125
300
0.891
-156
6.683
52
0.00653
10
0.708
-137
400
0.902
-163
4.365
40
0.00596
49
0.767
-146
500
0.923
-170
3.055
27
0.00891
71
0.813
-155
600
0.933
-174
2.113
22
0.01349
79
0.851
-165
700
0.955
-175
1.758
19
0.01862
85
0.881
-166
800
0.955
-177
1.413
12
0.02344
82
0.902
-170
900
0.966
179
1.161
5
0.02851
80
0.902
-177
1000
0.955
177
0.944
3
0.03236
80
0.902
-179
!
Vds=28V, Idq=0.8A
#
MHz S MA R 50
Typical S Parameters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com