Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2013 Datasheet(PDF) 1 Page - Seme LAB

Part # D2013
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2013 Datasheet(HTML) 1 Page - Seme LAB

  D2013 Datasheet HTML 1Page - Seme LAB D2013 Datasheet HTML 2Page - Seme LAB D2013 Datasheet HTML 3Page - Seme LAB D2013 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D2013UK
Prelim.12/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage *
BVGSS
Gate – Source Breakdown Voltage *
ID(sat)
Drain Current *
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
83W
65V
±20V
4A
–65 to 150°C
200°C
MECHANICAL DATA
F
A
C
B
(2 pls)
K
2
3
E
1
G (4 pls)
5
4
D
N
M
JI
H
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
20W – 28V – 1GHz
PUSH–PULL
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• VERY LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 10 dB MINIMUM
DK
PIN 1
SOURCE (COMMON)
PIN 3
DRAIN 2
PIN 5
GATE 1
PIN 2
DRAIN 1
PIN 4
GATE 2
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• HF/VHF/UHF COMMUNICATIONS
from 1MHz to 2 GHz
METAL GATE RF SILICON FET
TetraFET
DIM
mm
Tol.
Inches
Tol.
A
6.45
0.13
0.254
0.005
B
1.65R
0.13
0.065R
0.005
C45°
5°
45°
5°
D
16.51
0.76
0.650
0.03
E
6.47
0.13
0.255
0.005
F
18.41
0.13
0.725
0.005
G
1.52
0.13
0.060
0.005
H
4.82
0.25
0.190
0.010
I
24.76
0.13
0.975
0.005
J
1.52
0.13
0.060
0.005
K
0.81R
0.13
0.032R
0.005
M
0.13
0.02
0.005
0.001
N
2.16
0.13
0.085
0.005
* Per Side


Similar Part No. - D2013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D201 ETC1-D201 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D201 MPD-D201 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
C&K Components
D201 CK-COMPONENTS-D201 Datasheet
482Kb / 5P
Miniature Snap-in Power Rocker Switches
15 May 20
logo
Seme LAB
D2010 SEME-LAB-D2010 Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
logo
G.M. International
D2010 GMI-D2010 Datasheet
284Kb / 2P
Intrinsically Safe Analog-Temperature Multiplexer DIN-Rail Model D2010M
More results

Similar Description - D2013

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1015UK SEME-LAB-D1015UK Datasheet
60Kb / 4P
METAL GATE RF SILICON FET
D1016UK SEME-LAB-D1016UK Datasheet
49Kb / 4P
METAL GATE RF SILICON FET
D1017UK SEME-LAB-D1017UK Datasheet
223Kb / 5P
METAL GATE RF SILICON FET
D1031UK SEME-LAB-D1031UK Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
METAL GATE RF SILICON FET
D1084UK SEME-LAB-D1084UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D5012UK SEME-LAB-D5012UK Datasheet
31Kb / 2P
METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com