Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1060A Datasheet(PDF) 1 Page - Seme LAB

Part # IP1060A
Description  SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1060A Datasheet(HTML) 1 Page - Seme LAB

  IP1060A Datasheet HTML 1Page - Seme LAB IP1060A Datasheet HTML 2Page - Seme LAB IP1060A Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IP1060A
IP1060A
IP1060B
Prelim. 7/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Supply
Voltage Sourced
Current Sourced
Output Transistor
Output current
Collector Voltage (Pin 15)
Max. Emitter Voltage (Pin 14)
Operating Temperature (Ambient)
IP1060B
IP1060
IP1060A
Storage Temperature Rage
Operating Junction Temperature Range
18V
30mA
40mA
18V
5V
–55°C to +125°C
–25°C to + 85°C
0°C to 70°C
–65°C to +150°C
150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
8
1
2
3
4
5
6
7
14
13
12
11
10
9
15
16 FE E D F O R W A R D
O U T P UT ( CO L L )
OU T P U T ( E M I T )
D E M A G N ET I Z AT I O N /
OVE R VOL T A GE
GN D
CURRE NT L I M I T I N G
RE M O T E O N/ O F F
EX T E R N AL S Y N C
V
CC
V
Z
FE E D B A C K
GA I N
MO D U L A T O R
DUT Y C Y L E
CO NT RO L
R
T
C
T
SWITCHED MODE POWER
SUPPLY CONTROL CIRCUIT
FEATURES
•
Stabilised Power Supply
•
Temperature Compensated Reference
Source
•
Sawtooth Generator
•
Pulse Width Modulator
•
Remote on/off Switching
•
Current Limiting
•
Low Supply Voltage Protection
•
Loop fault Protection
•
Demagnetisation/Overvoltage Protection
•
Maximum Duty Cycle Clamp
•
Feed Forward Control
•
External Synchronisation
Order Information
Part Number
Temperature Range
Package
IP1060BJ
-55°C to + 125°C
16 Pin Ceramic DIP
IP1060D
-25°C to + 85°C
16 Pin Plastic (150)SOIC
IP1060J
-25°C to + 85°C
16 Pin Ceramic DIP
IP1060N
-25°C to + 85°C
16 Pin Plastic DIP
IP1060AD
0°C to + 70°C
16 Pin Plastic (150)SOIC
IP1060AJ
0°C to + 70°C
16 Pin Ceramic DIP
IP1060AN
0°C to + 70°C
16 Pin Plastic DIP
DESCRIPTION
The IP1060 is a control circuit for use in switched
mode power supplies. This single monolithic chip
incorporates all the control and supervisory
(protection) functions required in switched mode
power supplies, including an internal temperature
compensated reference source, sawtooth generator,
pulse width modulator, output stage and various
protection circuits.


Similar Part No. - IP1060A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP10 BEL-IP10 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
Hubbell Incorporated.
IP100 HUBBELL-IP100 Datasheet
224Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R01 ETC2-IP1000ALF-DS-R01 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R02 ETC2-IP1000ALF-DS-R02 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
More results

Similar Description - IP1060A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
Integrated Circuit Switched Mode Power Supply Control
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
Integrated Circuit Switched-Mode Power Supply Controller
logo
NXP Semiconductors
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
Switched-mode power supply control circuit
1994 Aug 31
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
Switched-mode power supply control circuit
1994 Aug 31
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
Switched-mode power supply control circuit
1994 Aug 31
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
Switched-mode power supply controller
1994 Aug 31
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
Control circuit for switched mode power supplies
November 1993
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
Control circuit for switched-mode power supply
August 1982
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
Switched Mode Power Supply IC
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com