Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1060A Datasheet(PDF) 2 Page - Seme LAB

Part # IP1060A
Description  SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1060A Datasheet(HTML) 2 Page - Seme LAB

  IP1060A Datasheet HTML 1Page - Seme LAB IP1060A Datasheet HTML 2Page - Seme LAB IP1060A Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IP1060A
IP1060A
IP1060B
Prelim. 7/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Internal Reference Voltage
(VREF)
Temperature Coefficient of VREF
Internal Reference
(VZ)
Temperature Coefficient of VZ
Frequency Range
Initial Accuracy Oscillator
Duty Cycle Range
Modulator Input Current
Pin 6, Input Current
Pin 6, Duty Cycle Limit Control
Pin 1, Low Supply Voltage
Protection Thresholds
Pin 3, Feedback Loop
Protection Trip Thresholds
Pin 3, Pull Up Current
Pin 13, Demag. / O.V.
Protection Threshold
Pin 13 Input Current
Pin 16, Feed Forward
Duty Cycle Control
Pin 16, Feed Forward
Input Current
V
ppm/°C
V
ppm/°C
Hz
%
%
mA
mA
% Duty
Cycle
V
mV
mA
mV
mA
% Orig.
Duty
Cycle
mA
3.57
3.72
3.95
3.42
4.03
±100
7.8
8.4
9.0
±200
50
100k
5
0–90
0–98
-0.2
-5.0
-0.2
-6.0
40
50
60
8.85
9.0
10.8
460
600
720
-7
-15
-35
470
600
720
-0.6
-7.0
-20
30
40
50
0.2
50
3.69
3.72
3.81
3.42
4.03
±100
7.9
8.4
9.0
±200
50
100k
5
0–90
0–98
-0.2
-5.0
-0.2
-6.0
40
50
60
8.85
9.0
10.8
460
600
720
-7
-15
-35
470
600
720
-0.6
-7.0
-20
30
40
50
0.2
50
TJ = Over Temp. Range 2
IL = 0.7mA
TJ = Over Temp. Range 2
R = 5k
W
fO = 20kHz
VPin5 = 2V
TJ = Over Temp. Range 2
At 2V O TJ = Over Temp. Range 2
For 50% Max. Duty Cycle
15kHz to 50kHz
VPin6 = 0.4VZ
At 2V
TJ = Over Temp. Range 2
At 0.25V
TJ = Over Temp. Range 2
VPin16 = 2VZ
At 16V, VCC = 18V
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
IP1060
IP1060B
IP1060A
Parameter
Test Conditions 1
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
NOTES
1. Test Conditions unless otherwise stated: VCC = 12V, TJ = 25°C.
2. Applies Over Full Temperature Range:
IP1060B
TA = –55 to +125°C
IP1060
TA = –25 to +85°C
IP1060A
TA = 0 to +70°C
MODULATOR
REFERENCE SECTION
OSCILLATOR SECTION
SUPERVISORY FUNCTIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com