Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1060A Datasheet(PDF) 3 Page - Seme LAB

Part # IP1060A
Description  SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1060A Datasheet(HTML) 3 Page - Seme LAB

  IP1060A Datasheet HTML 1Page - Seme LAB IP1060A Datasheet HTML 2Page - Seme LAB IP1060A Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IP1060A
IP1060A
IP1060B
Prelim. 7/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
00.8
2VZ
-85
-120
00.8
2VZ
-85
-120
-2
-10
0.7
0.8
560
600
700
400
480
560
6.2
9.5
0.7
54
60
10k
3
0.4
40
5
10
15
19
24
20
30
0
0.8
2VZ
-85
-120
0
0.8
2VZ
-85
-120
-2
-10
0.7
0.8
560
600
700
400
480
560
6.2
9.5
0.7
54
60
10k
3
0.4
40
5
10
15
20
24
20
30
Pin 9 Off
Pin 9 On
Pin 9, Sink Current
Pin 10 Off
Pin 10 On
Pin 10 Sink Current Pin 9 =0V
to Pin 10 = 0V
Pin 11 IIN
Single Pulse Inhibit Delay
Trip Levels:
Shut Down, Slow Start
Trip Levels: Current Limit
Output Voltage Swing
(VOH)
Output Voltage Swing
(VOL)
Open Loop Gain
Feedback Resistor
Small Signal Bandwidth
VCE(sat)
Output Current
Max. Emitter Voltage
ICC
VCC
VCC
VPin9 = 0V
VPin9 = 0V
VPin11 = 250mV
Inhibit Delay Time for 20%
Overdrive at IOUT = 30mA
IC = 40mA
(Pin 15)
(Pin 14)
Voltage Feed V6 = 5V
R7 = 25k
W
IZ = 0
TJ = Over Temp. Range 2
ICC = 10mA, Current Feed
ICC = 30mA, Current Feed
V
mA
V
mA
mA
Ds
mV
mV
V
dB
W
MHz
V
mA
V
mA
mA
V
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
IP1060
IP1060B
IP1060A
Parameter
Test Conditions 1
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
CURRENT LIMITING
EXTERNAL SYNCHRONISATION
REMOTE ON/OFF
ERROR AMPLIFIER
OUTPUT STAGE
SUPPLY VOLTAGE / CURRENT
NOTES
1. Test Conditions unless otherwise stated: VCC = 12V, TJ = 25°C.
2. Applies Over Full Operating Temperature Range:
IP1060B
TA = –55 to +125°C
IP1060
TA = –25 to +85°C
IP1060A
TA = 0 to +70°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com