Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX432ISC Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX432ISC
Description  Low Voltage Adjustable Precision Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432ISC Datasheet(HTML) 4 Page - Microsemi Corporation

  LX432ISC Datasheet HTML 1Page - Microsemi Corporation LX432ISC Datasheet HTML 2Page - Microsemi Corporation LX432ISC Datasheet HTML 3Page - Microsemi Corporation LX432ISC Datasheet HTML 4Page - Microsemi Corporation LX432ISC Datasheet HTML 5Page - Microsemi Corporation LX432ISC Datasheet HTML 6Page - Microsemi Corporation LX432ISC Datasheet HTML 7Page - Microsemi Corporation LX432ISC Datasheet HTML 8Page - Microsemi Corporation LX432ISC Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 1.3, 2005-02-24
LX432
Low Voltage Adjustable Precision Shunt Regulator
PRODUCTION DATA SHEET
TM
®
CHARACT ER I S TI C CURVES
STABILITY BOUNDARY CONDITION†
0
5
10
15
20
25
30
0.001
0.010
0.100
1.000
10.000
CL- Load Capacitance (uF)
Unstable
*
Stable
VKA = VREF
VKA = 2V
VKA = 3V
Figure 2 – Stability
* Unstable below 700µA as indicated
† The unstable areas indicate loading conditions that may cause the device to oscillate.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com