Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX432ISC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX432ISC
Description  Low Voltage Adjustable Precision Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432ISC Datasheet(HTML) 1 Page - Microsemi Corporation

  LX432ISC Datasheet HTML 1Page - Microsemi Corporation LX432ISC Datasheet HTML 2Page - Microsemi Corporation LX432ISC Datasheet HTML 3Page - Microsemi Corporation LX432ISC Datasheet HTML 4Page - Microsemi Corporation LX432ISC Datasheet HTML 5Page - Microsemi Corporation LX432ISC Datasheet HTML 6Page - Microsemi Corporation LX432ISC Datasheet HTML 7Page - Microsemi Corporation LX432ISC Datasheet HTML 8Page - Microsemi Corporation LX432ISC Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 1.3, 2005-02-24
LX432
Low Voltage Adjustable Precision Shunt Regulator
PRODUCTION DATA SHEET
TM
®
DESCRI PTI O N
The LX432 series are low-voltage
precision adjustable shunt regulators with
a reference voltage of 1.24V. The output
voltage may be set to any value between
1.24V and 20V by two external resistors.
These
devices
offer
low
output
impedance for improved load regulation –
typical output impedance is 200m
Ω. The
LX432 series operates with an operating
current as low as 80µA, making these
devices
suitable
for
portable
and
micropower applications.
Low voltage operation enables the
LX432 to be used in the feedback loop of
isolated low voltage power supplies. The
minimum output voltage is determined by
the LX432 output voltage plus the forward
voltage drop of the opto-coupler LED
(typically 1.24 + 1.4 = 2.64V minimum).
See figure 12.
The LX432 is offered in 3 lead SOT-23
or TO-92 packages, and is a drop-in
replacement for the TLV431 and SC431L
devices.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Low Voltage Operation:
1.24V Reference
Initial Voltage Reference
Accuracy 1%
Adjustable Output Voltage
From VREF to 20V
Typical Output Dynamic
Impedance Less Than
250mΩ
Sink Current Capability
80µA To 20mA
Direct Alternative To
TLV431
APPLI CATI ONS
Low Voltage Adjustable
Power Supplies
Instrumentation
Computers
Portable Equipment
PRODUCT H I GHLIGHT
R2
R1
GND
V
KA
V
IN
LX432
Reference
Cathode
Anode
PACKAGE ORDER I N FO
SC
Plastic SOT-23
3-Pin
LP
Plastic TO-92
3-Pin
TA (°C)
SC
Package
Marking
RoHS Compliant / Pb-free
Transition DC: 0503
RoHS Compliant / Pb-free
Transition DC: 0509
0 to 70
432C
LX432CSC
LX432CLP
-40 to 85
432I
LX432ISC
LX432ILP
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX432CSC-TR)
TO-92 (LP) package also available in ammo-pack.


Similar Part No. - LX432ISC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX432ISC MICROSEMI-LX432ISC Datasheet
155Kb / 8P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - LX432ISC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
Low-Voltage Adjustable Precision Shunt Regulator
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com