Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX432ISC Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX432ISC
Description  Low Voltage Adjustable Precision Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432ISC Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX432ISC Datasheet HTML 2Page - Microsemi Corporation LX432ISC Datasheet HTML 3Page - Microsemi Corporation LX432ISC Datasheet HTML 4Page - Microsemi Corporation LX432ISC Datasheet HTML 5Page - Microsemi Corporation LX432ISC Datasheet HTML 6Page - Microsemi Corporation LX432ISC Datasheet HTML 7Page - Microsemi Corporation LX432ISC Datasheet HTML 8Page - Microsemi Corporation LX432ISC Datasheet HTML 9Page - Microsemi Corporation LX432ISC Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2000
Rev. 1.3, 2005-02-24
LX432
Low Voltage Adjustable Precision Shunt Regulator
PRODUCTION DATA SHEET
TM
®
PACKAGE DI MENSI ONS
SC
3-Pin Plastic SOT-23
H
G
F
E
J
I
A
B
D
C
Note:
1. Dimensions do not include mold flash or
protrusions;
these
shall
not
exceed
0.155mm(.006”) on any side.
Lead dimension
shall not include solder coverage.
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.89
1.12
0.035
0.044
B
0.37
0.51
0.015
0.020
C
0.085
0.18
0.003
0.007
D
2.80
3.04
0.110
0.120
E
1.20
1.40
0.047
0.055
F
0.89
1.09
0.035
0.043
G
1.78
2.05
0.070
0.080
H
2.10
2.64
0.083
0.104
I
0.35
0.55
0.014
0.022
J
0.013
0.10
0.0005 0.0039
LP
3-Pin Plastic TO-92
B
K
G
N
C
N
H
A
D
J
x
x
SECT x-x
F
V
Note:
1. Dimensions do not include mold flash or
protrusions;
these
shall
not
exceed
0.155mm(.006”) on any side.
Lead dimension
shall not include solder coverage.
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
4.45
5.20
0.175
0.205
B
4.32
5.33
0.170
0.210
C
3.18
4.19
0.125
0.165
D
0.41
0.55
0.016
0.022
F
0.41
0.48
0.016
0.019
G
1.15
1.39
0.045
0.055
H
2.42
2.66
0.095
0.105
J
0.39
0.50
0.015
0.020
K
12.70
-
0.500
-
N
2.05
2.66
0.080
0.105
V
3.43
-
0.135
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com