Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP350 Datasheet(PDF) 4 Page - Seme LAB

Part # IP350
Description  3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP350 Datasheet(HTML) 4 Page - Seme LAB

  IP350 Datasheet HTML 1Page - Seme LAB IP350 Datasheet HTML 2Page - Seme LAB IP350 Datasheet HTML 3Page - Seme LAB IP350 Datasheet HTML 4Page - Seme LAB IP350 Datasheet HTML 5Page - Seme LAB IP350 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IP150A SERIES
IP150A SERIES
IP350A SERIES
IP350A SERIES
LM150 SERIES
Prelim.9/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-75
-50
-25
0
25
50
75
100
125
150
Temperature (˚C)
I = 500mA
L
I = 1.5A
L
I = 3A
L
V
= 10V
OUT
V
= 15V
IN
0.0001
0.001
0.01
0.1
1
10
10 1
10 2
10 3
10 4
10 5
10 6
Frequency (Hz)
= 15V
IN
VOUT =10V
OUT = 500mA
I
V
ADJ
C= 0
OUT
C= 0
µF
ADJ
C
= 10
µF
OUT
C
= 10
30
35
40
45
50
55
60
65
-75
-50
-25
0
25
50
75
100
125
150
Temperature (˚C)
0.50
1.00
1.50
2.00
2.50
3.00
-75
-50
-25
0
25
50
75
100
125
150
Temperature (˚C)
∆V
∆V
= 100mV
OUT
I = 3A
L
I = 2A
L
I = 500mA
L
I = 20mA
L
I = 200mA
L
-50
-25
0
25
50
75
100
125
150
1.23
1.24
1.25
1.26
1.27
Temperature (˚C)
TJ = 25˚C
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
Input – Output Differential (V)
TJ = 150˚C
TJ = -55˚C
0
20
40
60
80
100
0.01
0.1
1
10
Output Current (A)
TJ = 25˚C
= 15V
IN
V
VOUT =10V
f = 120Hz
ADJ
C= 0
ADJ
C
= 10
µF
Output Voltage (A)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
-VOUT = 5V
IN
V
OUT = 500mA
I
f = 120Hz
TJ = 25˚C
ADJ
C
= 10
µF
ADJ
C= 0
ADJ
C= 0
Frequency (Hz)
10
100
1k
10k
100k
1M
0
20
40
60
80
100
ADJ
C
= 10
µF
VOUT =10V
= 15V
IN
V
OUT = 500mA
I
Load Regulation
Output Impedance
Adjustment Current
Droput Voltage
Temperature Stability
Minimum Operating Current
Ripple Rejection
Ripple Rejection
Ripple Rejection
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com