Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP350 Datasheet(PDF) 1 Page - Seme LAB

Part # IP350
Description  3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP350 Datasheet(HTML) 1 Page - Seme LAB

  IP350 Datasheet HTML 1Page - Seme LAB IP350 Datasheet HTML 2Page - Seme LAB IP350 Datasheet HTML 3Page - Seme LAB IP350 Datasheet HTML 4Page - Seme LAB IP350 Datasheet HTML 5Page - Seme LAB IP350 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pin 1 – ADJ.
Pin 2 – VOUT
Case – VIN
Q Package – TO254
Part
K–Pack
G/IG–Pack
T–Pack
V–Pack
Q-Pack
Temp.
Number
(TO–3)
(TO–257)
(TO–220)
(TO–218)
(TO-254)
Range
IP150A
✔✔
✔
-55 to +150°C
IP150
✔✔
✔
”
LM150
✔✔
-55 to +150°C
IP350A
✔✔
✔
0 to 125°C
IP350
✔✔
✔
”
IP150A SERIES
IP150A SERIES
IP350A SERIES
IP350A SERIES
LM150 SERIES
Prelim.9/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Pin 1 – ADJ.
Pin 2 – VIN
Case – VOUT
K Package – TO–3
Pin 1 – ADJ.
Pin 2 – VOUT
Pin 3 – VIN
Case – VOUT
V Package – TO–218
3 AMP
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
VI–O
Input - Output Differential Voltage
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature
TL
Lead Temperature (Soldering, 10 sec.)
35V
Internally limited
See Table Above
–65 to 150°C
300°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• OUTPUT VOLTAGE RANGE OF 1.25 TO 35V
• 1% OUTPUT VOLTAGE TOLERANCE
(–A VERSIONS)
• 0.3% LOAD REGULATION
• 0.01% / V LINE REGULATION
• COMPLETE SERIES OF PROTECTIONS:
• CURRENT LIMITING
• THERMAL SHUTDOWN
• SOA CONTROL
12
3

!
123
Pin 1 – ADJ.
Pin 2 – VOUT
Pin 3 – VIN
Case – VOUT
T Package – TO–220
Pin 1 – ADJ.
Pin 2 – VOUT
Pin 3 – VIN
Case – VOUT*
G Package – TO–257
IG Package - TO-257
* Isolated case on IG Package
123
1 23
Note:
To order, add the pack-
age identifier to the part
number.
eg.
IP150AQ
Order Information


Similar Part No. - IP350

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP35063 SEME-LAB-IP35063 Datasheet
57Kb / 5P
DC-DC CONVERTER CONTROL CIRCUIT
IP35063J SEME-LAB-IP35063J Datasheet
57Kb / 5P
DC-DC CONVERTER CONTROL CIRCUIT
More results

Similar Description - IP350

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAHVH SEME-LAB-IP117MAHVH Datasheet
24Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP138A SEME-LAB-IP138A Datasheet
56Kb / 6P
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Micropac Industries
52150 MICROPAC-52150 Datasheet
114Kb / 4P
POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
Seme LAB
LT1085M SEME-LAB-LT1085M Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
Positive Adjustable 5-Amp Voltage Regulator
logo
Semtech Corporation
EZ1587C SEMTECH-EZ1587C_06 Datasheet
156Kb / 6P
3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com