Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP350 Datasheet(PDF) 3 Page - Seme LAB

Part # IP350
Description  3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP350 Datasheet(HTML) 3 Page - Seme LAB

  IP350 Datasheet HTML 1Page - Seme LAB IP350 Datasheet HTML 2Page - Seme LAB IP350 Datasheet HTML 3Page - Seme LAB IP350 Datasheet HTML 4Page - Seme LAB IP350 Datasheet HTML 5Page - Seme LAB IP350 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IP150A SERIES
IP150A SERIES
IP350A SERIES
IP350A SERIES
LM150 SERIES
Prelim.9/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
1) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to
heating effects are covered under thermal regulation specifications. Load regulation is measured from the bottom of the package
for the TO–3 package and on the back of the heat tab for the TO–218, TO–220 and TO–257 packages.
2) Test Conditions unless othewise stated: VIN – VOUT = 5V , TJ = 25°C , IOUT = 1.5A.
Although power dissipation is internally limited, these specifications apply for dissipations of 30W for the TO–3, TO–218 and
TO–257 packages, and 25W for the TO–220 package; IMAX = 3A.
IP350A
IP350
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max. Units
VREF
Reference Voltage
DVOUT
Line Regulation 1
DIOUT
DVOUT
Load Regulation 1
DIOUT
Thermal Regulation
Ripple Rejection
IADJ
Adjust Pin Current
DIADJ Adjust Pin Current
Change
IMIN
Minimum Load
Current
ICL
Current Limit
DVOUT Temperature
DTEMP Stability
DVOUT
Long Term Stability
DTIME
en
RMS Output Noise
(% of VOUT)
RqJC
Thermal Resistance
Junction to Case
IOUT = 10mA
IOUT = 10mA to 3A
VIN – VOUT = 3V to 35V
P
£ 30W
TJ = 0 to +125°C
VIN – VOUT = 3V to 35V
TJ = 0 to +125°C
IOUT = 10mA to 3A
VOUT £ 5V
TJ = 0 to +125°C
IOUT = 10mA to 3A
VOUT ³ 5V
TJ = 0 to +125°C
tp = 20ms
TA = 25°C
CADJ = 0
VOUT = 10V
CADJ = 10mF
f = 120Hz
TJ = 0 to +125°C
TJ = 0 to +125°C
IOUT = 10mA to 3A
VIN – VOUT = 3V to 35V
TJ = 0 to +125°C
VIN – VOUT = 35V
TJ = 0 to +125°C
VIN – VOUT £ 10V
TJ = 0 to +125°C
VIN – VOUT = 30V
TJ = 0 to +125°C
TA = 125°C
t = 1000 Hrs
f = 10 Hz to 10 kHz
TA = 25°C
K Package (TO–3)
T Package (TO–220)
V Package (TO–218)
1.238
1.25
1.262
1.225
1.250
1.270
0.005
0.010
0.020
0.050
515
15
50
0.1
0.3
0.3
1
0.002
0.010
65
66
86
50
100
0.2
5
3.5
5
3
4.5
0.25
1
12
0.3
1
0.001
1.5
34
1.5
1.200
1.250
1.300
0.005
0.030
0.020
0.070
525
20
70
0.1
0.5
0.3
1.5
0.002
0.030
65
66
86
50
100
0.2
5
3.5
10
3
4.5
0.25
1
1
0.3
1
0.001
1.5
34
1.5
V
V
% / V
mV
%
%/W
dB
dB
mA
mA
mA
A
A
%
%
%
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com