Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1843 Datasheet(PDF) 4 Page - Seme LAB

Part # IP1843
Description  CURRENT MODE REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1843 Datasheet(HTML) 4 Page - Seme LAB

  IP1843 Datasheet HTML 1Page - Seme LAB IP1843 Datasheet HTML 2Page - Seme LAB IP1843 Datasheet HTML 3Page - Seme LAB IP1843 Datasheet HTML 4Page - Seme LAB IP1843 Datasheet HTML 5Page - Seme LAB IP1843 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IP1842/IP1843
IP3842
IP2842/IP2843
IP3843
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max. Units
2.85
3
3.15
0.911.1
60
70
–2
–10
200
400
0.1
0.4
1.5
2.2
13
13.5
12
13.5
50
150
50
150
0.7
1.1
14.5
16
17.5
7.8
8.4
9
8.5
10
11.5
7
7.6
8.2
0.3
0.5
11
15
14
17
30
34
40
2.85
3
3.15
0.911.1
60
70
–2
–10
200
400
0.1
0.4
1.5
2.2
13
13.5
12
13.5
50
150
50
150
0.7
1.1
15
16
17
7.8
8.4
9
910
11
7
7.6
8.2
0.3
0.5
11
15
14
17
30
34
40
Gain
Maximum Input Signal
Supply Voltage
Rejection
Input Bias Current
Delay to Output
Output Low Level
Output High Level
Rise Time
Fall Time
UVLO Saturation
Upper Threshold
(VCC)
Lower Threshold
(VCC)
Start–up Current
Operating Supply
Current
VCC Zener Voltage
See Notes 2,3
VPIN1 = 4.6V
(Note 2)
VC = 12V to 25V
ISINK = 20mA
ISINK = 200mA
ISOURCE = 20mA
ISOURCE = 200mA
CL = 1nF
TJ = 25°C
CL = 1nF
TJ = 25°C
VCC = 6V
IL = 1mA
1842 Series
1843 Series
1842 Series
1843 Series
VPIN2 = 0V
1842 Series
VPIN3 = 0V
1843 Series
ICC = 25mA
V/V
V
dB
mA
ns
V
V
ns
V
V
V
mA
mA
V
NOTES
1. Test Conditions unless otherwise stated:
VCC = 15V* , RT = 10kW , CT = 3.3nF , f = 52kHz.
*Adjust VCC above start threshold before setting at
required level.
All specifications apply over the full operating temperature
range unless otherwise stated.
(See Ordering Information for further details).
2. Parameter measured at trip point of latch with
VPIN2 = 0V
3. Gain defined as:
DVPIN1
A =
DVPIN3
0
£ VPIN3 £ 0.8
IP1842 SERIES
IP1843 SERIES
Prelim.3/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ELECTRICAL CHARACTERISTICS (Over Full Operating Temperature Range unless otherwise stated)
CURRENT SENSE SECTION
OUTPUT SECTION
UNDER–VOLTAGE LOCKOUT SECTION
TOTAL STANDBY CURRENT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com