Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1843 Datasheet(PDF) 2 Page - Seme LAB

Part # IP1843
Description  CURRENT MODE REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1843 Datasheet(HTML) 2 Page - Seme LAB

  IP1843 Datasheet HTML 1Page - Seme LAB IP1843 Datasheet HTML 2Page - Seme LAB IP1843 Datasheet HTML 3Page - Seme LAB IP1843 Datasheet HTML 4Page - Seme LAB IP1843 Datasheet HTML 5Page - Seme LAB IP1843 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IP1842 SERIES
IP1843 SERIES
Prelim.3/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
DESCRIPTION
The IP1842 and IP1843 series of switching regulator control circuits contain all the functions necessary to
implement off–line, current mode switching regulators, using a minimum number of external parts. Functions
included are voltage reference, error amplifier, current sense comparator, oscillator, totem pole output driver and
under-voltage lockout circuitry.
Although pin compatible with the UC1842 and 1843 series, SEMELAB has incorporated several improvements in
the IP1842 and IP1843 series allowing tighter and more complete specification of electrical performance.
BLOCK DIAGRAM
Values in brackets are for IP1843 series.
3.6V
ERROR
AMP
OSCILLATOR
2R
R
1V
R
S
PW M
LATCH
CURRENT
SENSE
COM PARATOR
16V
(8.4V)
6V
(0.5V)
2.5V
UNDER–VOLTAGE
LOCKOUT
ENABLE
REFERENCE
REGULATOR
5V
INTERNAL
BIAS
34V
REG
R
S
V
STATUS
LATCH
REF
OUTPUT
V
REF
COMP
GND
VCC
ISENSE
VFB
/C
R
T
T
POW ER
GROUND
V
C
PIN NUM BERS
1st Num ber
2nd Num ber
– N, J and 8 Pin D Packages
– 14 Pin D Package.
3/5
5/9
7/12
2/3
1/1
4/7
6/10
7/11
5/8
8/14
VCC
Supply Voltage 1
IO
Output Current
Analog Inputs
(pins 2 and 3)
Error Amp Output Sink Current
IP1842 , IP1843
Operating Ambient Temperature Range
IP2842 , IP2843
IP3842 , IP3843
£ 30V
0 to ±200mA
–0.3V to 3V
0 to 2mA
–55 to 125°C
–25 to 85°C
0 to 70°C
Notes:
1.
Lower limit set by under voltage lockout specification.
RECOMMENDED OPERATING CONDITIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com